Electronic Components Datasheet Search
  English  ▼

X  

MDH5 Datasheet(PDF) 1 Page - MMD Components

Part # MDH5
Description  Plastic 4 J-Lead Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MDH5 Datasheet(HTML) 1 Page - MMD Components

  MDH5 Datasheet HTML 1Page - MMD Components MDH5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/21/11 J
Subject to change without notice
Pg 1 of 2
Revision:
M
MD
DH
H &
& M
MD
DT
T S
Se
erriie
ess O
Osscciilllla
atto
orr
 Plastic 4 J-Lead Package
 HCMOS
 Tri-state Function
 Tape and Reel Package Available
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Environmental & Mechanical Detail
Marking Detail
Frequency
1.000MHZ to 125.000MHZ
Frequency Stability (Inclusive of Temperature, Load and
Voltage)
See Part Number Guide
Aging @ +25°C
±5 ppm per year max
Operating Temperature Range
See Part Number Guide
Storage Temperature Range
-55°C to +125°C
Output Waveform
HCMOS
Supply Voltage (Vdd)
+3.3 VDC ±10%
+5.0 VDC ±10%
+3.3 VDC ±10%
+5.0 VDC ±10%
Supply Current (unloaded)
25mA
45mA
25mA
45mA
Load
5TTL or 30pF
10TTL or 50pF
15pF
30pF
Logic “0”
0.4V max
0.5V max
Logic “1”
2.4.V min
Vdd-0.5V min
Rise/Fall Time
4nSec max
Start Up Time
10mSec max
Duty Cycle
1.000MHZ to 66.000MHZ
45%/55% (TTL @ 1.4V Level / Cmos @ 50% Waveform)
66.000MHZ and above
40%/60% (TTL @ 1.4V Level / Cmos @ 50% Waveform)
Jitter
1.000MHZ to 33.000MHZ
50pSec max (RMS)
50pSec max (RMS)
33.000MHZ and above
30pSec max (RMS)
40pSec max (RMS)
TTL
Line 1 = MXXXXX
M
= MMD
XXXXX
= Frequency in MHZ
Line 2 = SYYWWL
S
= Internal Code
YYWW
=
4 Numerical Digit Date
Code (Year / Week)
L
= Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator


Similar Part No. - MDH5

ManufacturerPart #DatasheetDescription
logo
MMD Components
MDH MMD-MDH Datasheet
112Kb / 2P
MDH & MDT Series Oscillator
logo
M-System Co.,Ltd.
MDH MSYSTEM-MDH Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Analog Devices
MDH-0870 AD-MDH-0870_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
MDH-1001 AD-MDH-1001_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
logo
M-System Co.,Ltd.
MDH-12 MSYSTEM-MDH-12 Datasheet
109Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDH5

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-17F KSS-CX-17F Datasheet
151Kb / 1P
For ECU.Ceramic package, J lead type.
logo
List of Unclassifed Man...
SSOP-16 ETC-SSOP-16 Datasheet
88Kb / 1P
16-Lead SSOP Plastic Package
logo
TEMEX
QEN62 TEMEX-QEN62 Datasheet
460Kb / 5P
Plastic J LEAD SMD XO - Communications Equipment Application
logo
Oscilent Corporation
420-12.0M-3DC-T OSCILENT-420-12.0M-3DC-T Datasheet
150Kb / 3P
Plastic J-Lead HCMOS / TTL Output
490-28.0M-5DC-T OSCILENT-490-28.0M-5DC-T Datasheet
142Kb / 2P
4 Pad J-Lead Ceramic PECL Output
492-28.0M-5DN-T OSCILENT-492-28.0M-5DN-T Datasheet
142Kb / 2P
4 Pad PCB J-Lead PECL Output
logo
ILSI America LLC
ZTB ILSI-ZTB Datasheet
50Kb / 2P
2 Lead Plastic Package
logo
Continental Device Indi...
TO-220AC CDIL-TO-220AC Datasheet
379Kb / 6P
TO-220AC (2 Lead) Leaded Plastic Package
logo
M/A-COM Technology Solu...
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
Lead-Free 4 mm 24-lead PQFN Package
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com