Electronic Components Datasheet Search
  English  ▼

X  

MAX1312ECM Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1312ECM
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1312ECM Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1312ECM Datasheet HTML 12Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 13Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 14Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 15Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 16Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 17Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 18Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 19Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
16
______________________________________________________________________________________
MAX1304–MAX1306
MAX1308–MAX1310
MAX1312–MAX1314
CONVST
D11
MSV
DGND
AVDD
SHDN
INTCLK/EXTCLK
CLK
CH0
INTERFACE
AND
CONTROL
8 x 1
MUX
12-BIT
ADC
CH7
D0
DVDD
AGND
CHSHDN
REFMS
REF
REF+
COM
REF-
T/H
T/H
8 x 12
SRAM
OUTPUT
DRIVERS
5kΩ
5kΩ
CONFIGURATION
REGISTER
D7
D8
2.500V
*
*SWITCH CLOSED ON UNIPOLAR DEVICES, OPEN ON BIPOLAR DEVICES
WR
CS
RD
EOC
EOLC
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com