Electronic Components Datasheet Search
  English  ▼

X  

MAX1312ECM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1312ECM
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1312ECM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1312ECM Datasheet HTML 1Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 2Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1312ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipo-
lar devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C. See Figures 3 and 4.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7, I.C. to AGND (MAX1304/MAX1305/MAX1306)....±6V
CH0–CH7, I.C. to AGND (MAX1308/MAX1309/MAX1310)..±16.5V
CH0–CH7, I.C. to AGND (MAX1312/MAX1313/MAX1314)..±16.5V
D0–D11 to DGND ....................................-0.3V to (DVDD + 0.3V)
EOC, EOLC, RD, WR, CS to DGND.........-0.3V to (DVDD + 0.3V)
CONVST, CLK, SHDN, CHSHDN to DGND ..-0.3V to (DVDD + 0.3V)
INTCLK/EXTCLK to AGND .......................-0.3V to (AVDD + 0.3V)
REFMS, REF, MSV to AGND.....................-0.3V to (AVDD + 0.3V)
REF+, COM, REF- to AGND.....................-0.3V to (AVDD + 0.3V)
Maximum Current into Any Pin Except AVDD, DVDD, AGND,
DGND ...........................................................................±50mA
Continuous Power Dissipation (TA = +70°C)
TQFP (derate 22.7mW/°C above +70°C) ................1818.2mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (Note 1)
Resolution
N
12
Bits
Integral Nonlinearity
INL
(Note 2)
±0.5
±1.0
LSB
Differential Nonlinearity
DNL
No missing codes (Note 2)
±0.3
±0.9
LSB
Unipolar, 0x000 to 0x001
±3
±16
Offset Error
Bipolar, 0xFFF to 0x000
±3
±16
LSB
Unipolar, between all channels
±9
±20
Offset-Error Matching
Bipolar, between all channels
±9
±20
LSB
Unipolar, 0x000 to 0x001
7
Offset-Error Temperature Drift
Bipolar, 0xFFF to 0x000
7
ppm/°C
Gain Error
±2
±16
LSB
Gain-Error Matching
Between all channels
±3
±14
LSB
Gain-Error Temperature Drift
4
ppm/°C
DYNAMIC PERFORMANCE at fIN = 500kHz, AIN = -0.4dBFS (Note 2)
Signal-to-Noise Ratio
SNR
68
71
dB
Signal-to-Noise Plus Distortion
SINAD
68
71
dB
Total Harmonic Distortion
THD
-86
-80
dBc
Spurious-Free Dynamic Range
SFDR
84
dBc
Channel-to-Channel Isolation
80
86
dB
ANALOG INPUTS (CH0 through CH7)
MAX1304/MAX1305/MAX1306
0
+5
MAX1308/MAX1309/MAX1310
-5
+5
Input Voltage
VCH
MAX1312/MAX1313/MAX1314
-10
+10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com