Electronic Components Datasheet Search
  English  ▼

X  

MTC Datasheet(PDF) 1 Page - XP Power Limited

Part # MTC
Description  35150 Watts Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MTC Datasheet(HTML) 1 Page - XP Power Limited

  MTC Datasheet HTML 1Page - XP Power Limited MTC Datasheet HTML 2Page - XP Power Limited MTC Datasheet HTML 3Page - XP Power Limited MTC Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
35150 Watts
•
1040 VDC Input Range
•
Designed for Vetronic & Avionic Use
•
Magnetic Feedback Technology
•
55 °C to +100 °C Operation
•
MIL STD 461 and DEFSTAN 59411
•
MIL STD 1275 and DEFSTAN 615
•
3 Year Warranty
MTC Series
Input
Input Voltage Range
• 10.0-40.0 VDC
Transient Input Range
• 50 VDC for 100 ms
Inrush Current
• <40 A at 28 VDC
Turn On
• >9.5 VDC
Turn Off
• <9.0 VDC
Input Reverse Voltage
• None
Protection
Input Current
• See table
Output
Output Voltage
• See table
Output Voltage Trim
• -20%, +10% (±10% for 3.3 V version),
see note 2
Minimum Load
• No minimum load required on single
output models, 5% load required on each
output of dual output models
Line Regulation
• ±1% Vout nominal
Load Regulation
• Single Output: ±1% Vout nominal,
Dual Output: ±2%
Output Set Tolerance
• ±1.5% max
Ripple & Noise
•
≤5 Vout: 50 mV pk-pk max, >5 Vout:
100 mV pk-pk, at max load and
20 MHz bandwidth
Overvoltage Protection
• 120-140% Vout max
Overcurrent Protection
• 110-140% at nominal Iout, constant power
down to 40-50% of nominal output
voltage
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
until the short is removed
Maximum Capacitive
• 300 µF x Iout max for startup
Load
within 100 ms
Thermal Warning
• Active when internal temp is >105 ˚C
Remote Sense
• Compensates for 0.5 V total voltage drop
Cross Regulation
• ±4% on dual outputs (see note 3)
Transient Response
• ±4% max deviation recovery to within
1% in 500 µs for a 50% load change at
0.1 A/µs
Start Up Time
• <100 ms
Start Up Rise Time
• <20 ms
Current Share
• Parallel up to 4 modules, single output
versions only (MTC75 & 150 only)
Temperature Coefficient
• 0.03%/˚C
Remote On/Off
• On: ≥3.5 V or open circuit, Off: ≤1.8 V
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output
1000 VDC Input to Case
1000 VDC Output to Case
Isolation Capacitance
• 2500 pF
Switching Frequency
• Fixed, 400 kHz typical (MTC35 & 50)
450 kHz typical (MTC75 & 150)
Frequency
• 400-500 kHz (MTC35 & 50)
Synchronization
450-550 kHz (MTC75 & 150)
Power Density
• MTC35: 31.8 W/in3, MTC50: 30.2 W/in3,
MTC75: 27.4 W/in3, MTC150: 54.8 W/in3,
MTBF
• >1 MHrs to MIL-HDBK-217F at 25 °C, GF
Environmental
Case Temperature
• -40 °C to +100 °C (start up at -55 °C)
Storage Temperature
• -60 °C to +125 °C
Cooling
• Conduction cooling through baseplate
Operating Humidity
• 95% Relative Humidity
240 hrs MIL-STD-810F Method 507.4
Operating Altitude
• Tested to 70000 ft (21336 m)
Shock
• 75 g MIL-STD-810F Method 516.5
Vibration
• 15 to 2000 Hz MIL-STD-810F
Method 514.5, table 514.5-VIII
Bump
• 2000 Bumps in each axis 40 g
MIL-STD-810F Method 516.5
Salt Atmosphere
• 48 hrs MIL-STD-810F Method 509.4
EMC
Conducted Emissions
• EN55022 Conducted Level B*
MIL-STD 461F: CE102*
DEF STAN 59-411 DCE01/DCE02*
Immunity
• MIL-STD-704 B-F,
MIL-STD-1275A/B/C/D*
Conducted
• MIL-STD-461F CS101, CS114, CS115,
Susceptibility
CS116*
DEF-STAN 61-5 part 6 issue 5*
*
When used in conjunction with standard EMI filter and surge
protection modules, DSF and FSO series. Consult longform
datasheet.


Similar Part No. - MTC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC ARCH-MTC Datasheet
544Kb / 6P
AC-DC Medical
MTC-12D ARCH-MTC-12D Datasheet
544Kb / 6P
AC-DC Medical
MTC-12D-E1 ARCH-MTC-12D-E1 Datasheet
546Kb / 6P
AC-DC Medical
MTC-12S ARCH-MTC-12S Datasheet
544Kb / 6P
AC-DC Medical
MTC-12S ARCH-MTC-12S Datasheet
241Kb / 3P
Switching Power Modules for PCB Mounting
More results

Similar Description - MTC

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
150 Watts
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
150 Watts
LPQ150 ASTEC-LPQ150 Datasheet
249Kb / 2P
150 Watts
LPS150 ASTEC-LPS150 Datasheet
746Kb / 2P
150 Watts
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_10 Datasheet
419Kb / 3P
150 Watts
logo
XP Power Limited
VEH150 XPPOWER-VEH150 Datasheet
285Kb / 2P
150 Watts VEH Series
VFT150 XPPOWER-VFT150 Datasheet
275Kb / 2P
150 Watts VFT Series
logo
Anaren Microwave
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
150 Watts
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
150 Watts
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
150 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com