Electronic Components Datasheet Search
  English  ▼

X  

MTC Datasheet(PDF) 3 Page - XP Power Limited

Part # MTC
Description  35150 Watts Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MTC Datasheet(HTML) 3 Page - XP Power Limited

  MTC Datasheet HTML 1Page - XP Power Limited MTC Datasheet HTML 2Page - XP Power Limited MTC Datasheet HTML 3Page - XP Power Limited MTC Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MTC75/150
Models and Ratings
Output Power
Output Voltage
Output Current
Input Current(1)
Efficiency(1)
Model Number
No Load
Full Load
66 W
3.3 VDC
20.00 A
120 mA
2.87 A
82%
MTC7528S3V3
75 W
5.0 VDC
15.00 A
130 mA
3.19 A
84%
MTC7528S05
75 W
12.0 VDC
6.25 A
60 mA
3.19 A
84%
MTC7528S12
75 W
15.0 VDC
5.00 A
40 mA
3.19 A
84%
MTC7528S15
75 W
28.0 VDC
2.70 A
75 mA
3.23 A
83%
MTC7528S28
75 W
±12.0 VDC
±3.13 A (4)
220 mA
3.23 A
83%
MTC7528D12(3)
75 W
±15.0 VDC
±2.50 A (4)
230 mA
3.27 A
82%
MTC7528D15(3)
132 W
3.3 VDC
40.00 A
120 mA
5.82 A
81%
MTC15028S3V3
150 W
5.0 VDC
30.00 A
147 mA
6.38 A
84%
MTC15028S05
150 W
12.0 VDC
12.50 A
70 mA
6.38 A
84%
MTC15028S12
150 W
15.0 VDC
10.00 A
75 mA
6.30 A
86%
MTC15028S15
150 W
28.0 VDC
5.35 A
170 mA
6.30 A
86%
MTC15028S28
150 W
±12.0 VDC
±6.25 A (4)
250 mA
6.38 A
84%
MTC15028D12(3)
150 W
±15.0 VDC
±5.00 A (4)
275 mA
6.31 A
85%
MTC15028D15(3)
Notes
Notes
1. Typical and measured at 28 V input
2. Total of voltage trim and remote sense is +10% max.
3. Minimum load of 5% required on one output for ±4% regulation on the other.
4. Each output can deliver 70% of the combined current when other output
delivers between 5% and 30%.
0.50 (12.7)
1.30 (33.0)
2.00
(50.80)
0.60
(15.24)
1.40
(35.56)
0.18 min (4.6)
4-Pl.
0.08 (2.03)
8-Pl.
0.04 (1.02)
11
12
1
2
3
4
5
10
9
8*
7
6
2.40
(61.00)
Bottom View
1.90 (48.2)
8 x 0.04 (1.02)
4 x 0.08 (2.03)
2.28 (57.9)
4 x Mounting holes
ø 0.126 (3.2)
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
Remote On/Off
Remote On/Off
3
Thermal Warning (TW)
Thermal Warning (TW)
4
Case
Case
5
-Vin
-Vin
6
-Vout
-Vout
7
-Sense
Trim
8*
Trim
Common
9
+Sense
No Pin
10
+Vout
+Vout
11
Share
No Pin
12
Synchronization
Synchronization
1. Dimensions are in inches (mm)
2. Tolerance: ±0.02 inches (±0.5 mm)
3. Weight: 0.28 lb (128 g) approx
4. Materials & Finish:
Pin -
Material: Copper
Finish:
Nickel plated 2.5 µm Ni and gold plated 0.3 µm Au.
Mounting Hole Diameter -
0.126 (3.2) clearance hole
Baseplate -
Material: Aluminium
Case -
Material: Non-conductive plastic
*On dual output versions, Pin 8 is 0.08 (2.03)
Mechanical Details



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com