Electronic Components Datasheet Search
  English  ▼

X  

MM1492AF Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1492AF
Description  I2C BUS Controlled 5-Input 2-Output AV Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1492AF Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM1492AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MITSUMI
I2C BUS Controlled 5-Input 2-Output AV Switch MM1492AF
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Crosstalk (*1)
VOUT1
CTV1
SG1 : 4.43MHz 1VP-P (At mix, SG2/3 input)
-60
-53
dB
VOUT2
CTV2
SG1 : 4.43MHz 1VP-P(At mix, SG2/3 input)
-60
-53
dB
YOUT1
CTY1
SG2 : 4.43MHz 1VP-P
-60
-53
dB
YOUT2
CTY2
SG2 : 4.43MHz 1VP-P
-60
-53
dB
COUT1
CTC1
SG3 : 4.43MHz 1VP-P
-60
-53
dB
COUT2
CTC2
SG3 : 4.43MHz 1VP-P
-60
-53
dB
LOUT1
CTL1
1kHz 2.5VP-P
-90
-80
dB
LOUT2
CTL2
1kHz 2.5VP-P
-90
-80
dB
ROUT1
CTR1
1kHz 2.5VP-P
-90
-80
dB
ROUT2
CTR2
1kHz 2.5VP-P
-90
-80
dB
Terminal voltage
Video input terminal
VVIP
No signal, No load
4.6
4.9
5.2
V
VOUT1/2 terminal
VVOP
No signal, No load
3.9
4.2
4.5
V
YOUT1/2 terminal
VYOP
No signal, No load
3.2
3.5
3.8
V
COUT1/2 terminal
VCOP
No signal, No load
3.2
3.5
3.8
V
Audio input terminal
VAIP
No signal, No load
4.0
4.3
4.6
V
Audio output terminal
VAOP
No signal, No load
3.9
4.2
4.5
V
I2C condition (Refer to figure below)
Input voltage L
VIL
0.0
1.5
V
Input voltage H
VIH
3.0
5.0
V
Low level output voltage
VOL
SDA sink 3mA
0.0
0.4
V
High level input current
IIH
SDA, SCL=4.5V
-10
10
V
Low level input current
IIL
SDA, SCL=0.4V
-10
10
V
Clock frequency
fSCL
100
kHz
Data transfer wait time
tBUF
4.7
µS
SCL start hold time
tHD : STA
4.0
µS
SCL low level hold time
tLOW
4.7
µS
SCL high level hold time
tHIGH
4.0
µS
SCL start setup time
tSU : STA
4.7
µS
SDA data hold time
tHD : DAT
200
nS
SDA data setup time
tSU : DAT
250
nS
SCL rise-time
tR
1000
nS
SCL fall-time
tF
300
nS
SCL stop setup time
tSU : STO
4.0
µS
(The inside of parentheses is design guarantee value.)
SDA
SCL
P
S
Sr
P
t HD:STA t LOW
t HD:DAT
t R
t F
t HIGH t SU:DAT
t SU:STA
t SU:STO
t BUR
I2C condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com