Electronic Components Datasheet Search
  English  ▼

X  

MM1492AF Datasheet(PDF) 13 Page - Mitsumi Electronics, Corp.

Part # MM1492AF
Description  I2C BUS Controlled 5-Input 2-Output AV Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1492AF Datasheet(HTML) 13 Page - Mitsumi Electronics, Corp.

Back Button MM1492AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM1492AF Datasheet HTML 14Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MITSUMI
I2C BUS Controlled 5-Input 2-Output AV Switch MM1492AF
Switch Control Table
(1) Video output 1
b6
b5
b4
b3
VOUT1YOUT1COUT1
0
0
0
0
Mute
Mute
Mute
0001
MTV-VYIN1CIN1
0010
V1-VYIN1CIN1
0011
V2-VYIN1CIN1
0100
V3-VYIN1CIN1
0101
STV-VYIN1CIN1
0110
Mute
Mute
Mute
0111
1
0
0
0
Mute
Mute
Mute
1001
MTV-VYIN1CIN1
1010
V1-(Y+C)
V1-YV1-C
1011
V2-(Y+C)
V2-YV2-C
1100
V3-VYIN1CIN1
1101
STV-VYIN1CIN1
1110
Mute
Mute
Mute
1111
(2) Audio output 1
Mute terminal
b2
b1
b0
LOUT1ROUT1
0
0
0
Mute
Mute
0
0
1
MTV-L
MTV-R
010
V1-LV1-R
<
=1.5V (OPEN)
011
V2-LV2-R
100
V3-LV3-R
101
STV-LSTV-R
110
Mute
Mute
111
>
=3.0V
Mute
Mute
(3) Audio gain
b7
LOUT1ROUT1
0
-6dB
-6dB
1
0dB
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com