Electronic Components Datasheet Search
  English  ▼

X  

US1M Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # US1M
Description  Additional testing can be offered upon request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

US1M Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  US1M Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1372, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
US1M
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
US1M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1000
V
Maximum Average Rectified Output Current
@TA = 100°C
Io
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Maximum Forward Voltage
@IF =1.0A, TJ=25°C
V F
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Typical Thermal Resistance Junction to Lead (Note 1)
RθJL
16
K/W
Maximum Reverse Recovery Time (Note 2)
Trr
100
ns
Typical Junction Capacitance (Note 3)
CJ
17
pF
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Case Style
SMA
Note: 1. Mounted on P.C. Board with 8.0mm
2 lead area
2. Measured with IF=0.5A; IR=1.0A; IRR=0.25A.
3. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com