Electronic Components Datasheet Search
  English  ▼

X  

US1M Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # US1M
Description  Additional testing can be offered upon request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

US1M Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  US1M Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd US1M Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1372, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
US1M
US1M SURFACE MOUNT ULTRA FAST RECTIFIER
Features:
•
Glass Passivated Die Construction
•
Ideally Suited for Automatic Assembly
•
Low Forward Voltage Drop, High Efficiency
•
Surge Overload Rating to 100 A Peak
•
Low Power Loss
•
Ultra-Fast Recovery Time
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: Low Profile Molded Plastic
•
Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026
•
Polarity :Cathode Band or Cathode Notch
•
Weight: 0.064 grams (approx.)
Mechanical Dimensions: In mm / Inches
SMA
SMA/DO-214AC
Dim.
Min.
Max.
Min.
Max.
A
1.70
2.31
0.067
0.091
B
1.29
1.70
0.051
0.067
C
0.051
0.203
0.002
0.008
E
0.76
1.52
0.030
0.060
G
4.70
5.31
0.185
0.209
H
4.00
4.60
0.157
0.181
J
2.18
2.79
0.086
0.110
In mm
In inch


Similar Part No. - US1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1M SSE-US1M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
US1M DIODES-US1M Datasheet
45Kb / 2P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. B1-2
logo
Fuji Electric
US1M FUJI-US1M Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
US1M DIOTEC-US1M Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US1M WEITRON-US1M Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
More results

Similar Description - US1M

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
Specific request can be addressed to RAKON
logo
Sangdest Microelectroni...
127SPC020 SMC-127SPC020 Datasheet
147Kb / 4P
Additional testing can be offered upon request
SF41G SMC-SF41G Datasheet
175Kb / 5P
Additional testing can be offered upon request
SK22 SMC-SK22 Datasheet
306Kb / 5P
Additional testing can be offered upon request
SD88205 SMC-SD88205 Datasheet
144Kb / 5P
Additional testing can be offered upon request
SK2S120 SMC-SK2S120 Datasheet
152Kb / 4P
Additional testing can be offered upon request
406DMQ200 SMC-406DMQ200 Datasheet
156Kb / 4P
Additional testing can be offered upon request
503CNQ SMC-503CNQ Datasheet
117Kb / 4P
Additional testing can be offered upon request
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com