Electronic Components Datasheet Search
  English  ▼

X  

MP7528 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7528
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528 Datasheet(HTML) 3 Page - Exar Corporation

  MP7528 Datasheet HTML 1Page - Exar Corporation MP7528 Datasheet HTML 2Page - Exar Corporation MP7528 Datasheet HTML 3Page - Exar Corporation MP7528 Datasheet HTML 4Page - Exar Corporation MP7528 Datasheet HTML 5Page - Exar Corporation MP7528 Datasheet HTML 6Page - Exar Corporation MP7528 Datasheet HTML 7Page - Exar Corporation MP7528 Datasheet HTML 8Page - Exar Corporation MP7528 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP7528
3
Rev. 2.00
PIN CONFIGURATIONS (CONT’D)
3
2
1
20
19
9
1011
1213
4
5
6
7
8
18
17
16
15
14
20 Pin PLCC
P20
AGND
RFBA
DGND
(MSB) DB7
DB6
VREFA
DB5
DB4
DB3
DB2
DB1
DB0
VREFB
VDD
RFBB
(LSB)
IOUTB
IOUTA
DACA/DACB
CS
WR
PIN OUT DEFINITIONS
1
AGND
Analog Ground
2IOUTA
Current Out DAC A
3RFBA
Feedback Resistor for DAC A
4VREFA
Reference Input for DAC A
5
DGND
Digital Ground
6
DAC A/
DAC Select
DAC B
7
DB7 (MSB)
Data Input Bit 7
8
DB6
Data Input Bit 6
9
DB5
Data Input Bit 5
10
DB4
Data Input Bit 4
11
DB3
Data Input Bit 3
12
DB2
Data Input Bit 2
13
DB1
Data Input Bit 1
14
DB0 (LSB)
Data Input Bit 0
15
CS
Chip Select
16
WR
Write
17
VDD
Power Supply
18
VREFB
Reference Input for DAC B
19
RFBB
Feedback Resistor for DAC B
20
IOUTB
Current Out DAC B
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com