Electronic Components Datasheet Search
  English  ▼

X  

MP7528 Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7528
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528 Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7528 Datasheet HTML 4Page - Exar Corporation MP7528 Datasheet HTML 5Page - Exar Corporation MP7528 Datasheet HTML 6Page - Exar Corporation MP7528 Datasheet HTML 7Page - Exar Corporation MP7528 Datasheet HTML 8Page - Exar Corporation MP7528 Datasheet HTML 9Page - Exar Corporation MP7528 Datasheet HTML 10Page - Exar Corporation MP7528 Datasheet HTML 11Page - Exar Corporation MP7528 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP7528
8
Rev. 2.00
INTERFACE LOGIC INFORMATION
DAC Selection: Both DAC latches share a common 8-bit in-
put port. The control input DACA/DACB selects which DAC can
accept data from the input port.
Mode Selection: Inputs CS and WR control the operating
mode of the selected DAC. See Mode Selection Table below:
Write Mode: When CS and WR are both low the selected
DAC is in the write mode. The input data latches of the selected
DAC are transparent and its analog output responds to activity
on DB0-DB7.
Hold Mode: The selected DAC latch retains the data which
was present on DB0-DB7 just prior to CS and WR assuming a
high state. Both analog outputs remain at the values corre-
sponding to the data in their respective latches.
Table 1. Mode Selection Table
CS
WR
DAC A
L = LOW state, H = HIGH state, X = Don’t care state
DAC A/DAC B
DAC B
L
H
X
X
L
L
H
X
L
L
X
H
Write
Hold
Hold
Hold
Hold
Write
Hold
Hold
Figure 1. Write Cycle Timing Diagram
tCS
tCH
tWR
tDS
tDH
DATA IN
STABLE
VIH
VIL
VIH
VIL
CS
WR
DATA IN
(DB0-DB7)
NOTES:
1.
All input signal rise and fall times measured from 10% to 90% of VDD.
VDD = +5 V, tr = tf = 20 ns
VDD = +15 V, tr = tf = 40 ns
2.
Timing measurement reference level is VIH + VIL / 2
tAS
tAH
DAC A/DAC B
VDD
0
VDD
0
VDD
0
VDD
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com