Electronic Components Datasheet Search
  English  ▼

X  

AJC_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AJC_SERIES
Description  Regulated Output and Low Ripple and Low Noise
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AJC_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AJC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 5Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VER : A_5
update : 2010.07.09
AC-DC Power Module
AJC SERIES
40 Watts
Model No.
( Triple Output )
AJC-5S12D
AJC-5S15D
Max output wattage
( W )
40W
40W
Output 2
Output 3
Output 1
Output 2
Output 3
Voltage (V.DC.)
+12
-12
5
+15
-15
Current (mA) max
600
600
5000
500
500
Voltage set accuracy
±5%
±3%
±5%
Line regulation (Typ.)
5%
0.5%
5%
Load regulation (10-100%) (Typ.)
(symmetric load)
7%
3%
7%
Cross regulation (Typ.)
±7%
±3%
±7%
Minimum load
25%
25%
Maximum Capacitive Load
780 uF
10000 uF
900 uF
Output
Efficiency (Typ)
82%
81%
Voltage
90-264 VAC or 100-375 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
860 mA max. (115 VAC) / 460 mA max. (230 VAC)
Inrush current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Input
Leakage Current
0.75 mA max.
Maximum capacitive load
470-23,000µF depending on model
Ripple & Noise
3.3V:50mV of Vout
5V~24V:1% of Vout
Hold-up time
10 ms min.
Output
Switching frequency
132 kHz
Over current protection
Above 105% rated output power
Over voltage protection
Zener diode clamp
Short circuit protection
Hiccup mode, indefinite (automatic recovery)
Protection
OTP
100°C
Isolation
Input-Output (V.AC)
3000V
Operating temperature
-40°C…+70°C (Case Temperature max. +95°C)
Storage temperature
-40°C…+100°C
Temperature coefficient
0.01%/°C
Humidity
95% RH
Environment
MTBF
200,000 h~400,000 h @ 25°C
Dimension (L x W x H)
3.5 x 2.5 x 0.98 Inches
( 89.0 x 63.5 x 25.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
280 g
Physical
Cooling method
Free air convection
Agency Approvals
UL/cUL, CE,
EMI (Conducted & Radiated Emission)
EN 55022 class B
Safety & EMC
EMS (Noise Immunity)
EN 55024
1.All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com