Electronic Components Datasheet Search
  English  ▼

X  

AJC_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AJC_SERIES
Description  Regulated Output and Low Ripple and Low Noise
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AJC_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AJC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 5Page - Arch Electronics Corp. AJC_SERIES Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VER : A_5
update : 2010.07.09
AC-DC Power Module
AJC SERIES
40 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
AJC-3.3S
AJC-5S
AJC-9S
AJC-12S
AJC-15S
AJC-24S
Max output wattage
( W )
26.4W
40W
40W
40W
40W
40W
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Current (mA) max
8000
8000
4444
3333
2666
1667
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (1-100%) (Typ.)
1%
1%
1%
1%
1%
1%
Minimum load
1%
1%
1%
1%
1%
1%
Maximum Capacitive Load
60000 uF
40000 uF
7200 uF
8600 uF
6600 uF
1400 uF
Output
Efficiency (Typ)
76%
81%
83%
84%
83%
83%
Model No.
( Dual Output )
AJC-5D
AJC-12D
AJC-15D
Max output wattage
( W )
40W
40W
40W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
4000
4000
1666
1666
1333
1333
Voltage set accuracy
±2%
±2%
±2%
Line regulation (Typ.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (Typ.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation (15-100%) (Typ.)
±5%
±5%
±5%
Minimum load
10%
10%
10%
Maximum Capacitive Load
±12000 uF
±4400 uF
±1000 uF
Output
Efficiency (Typ)
81%
83%
83%
Model No.
( Dual Output )
AJC-5S12S
AJC-5S24S
Max output wattage
( W )
40W
40W
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
5V
12V
5V
24V
Current (mA) max
5000
1250
5000
625
Voltage set accuracy
±3%
±5%
±3%
±5%
Line regulation (Typ.)
0.5%
5%
0.5%
5%
Load regulation (10-100%) (Typ.)
2% (symmetric load)
6% (symmetric load)
2% (symmetric load)
6% (symmetric load)
Cross regulation(25-100%) (Typ.)
±1%
±7%
±1%
±7%
Minimum load
25%
25%
Maximum Capacitive Load
10000 uF
470 uF
10000 uF
400 uF
Output
Efficiency (Typ)
82%
82%
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output and Low Ripple and Low Noise
Isolation Class II
-40
OC Starting
Small Size as ASC 30Watt and 40Watt Higher Wattage
Screw Terminal For Optional
CE, UL, cUL, Approvals
2-Years Product Warranty


Similar Part No. - AJC_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AJC-12D ARCH-AJC-12D Datasheet
503Kb / 6P
AC-DC Power Module
AJC-12S ARCH-AJC-12S Datasheet
503Kb / 6P
AC-DC Power Module
AJC-15D ARCH-AJC-15D Datasheet
503Kb / 6P
AC-DC Power Module
AJC-15S ARCH-AJC-15S Datasheet
503Kb / 6P
AC-DC Power Module
AJC-24S ARCH-AJC-24S Datasheet
503Kb / 6P
AC-DC Power Module
More results

Similar Description - AJC_SERIES

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1309 AMS-AMS1309 Datasheet
2Mb / 11P
Low ripple and low noise
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Astec America, Inc
AV60C ASTEC-AV60C Datasheet
304Kb / 2P
Low output ripple and noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com