Electronic Components Datasheet Search
  English  ▼

X  

MTDS5 Datasheet(PDF) 2 Page - MMD Components

Part # MTDS5
Description  Low Profile SMD TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTDS5 Datasheet(HTML) 2 Page - MMD Components

  MTDS5 Datasheet HTML 1Page - MMD Components MTDS5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek 
30400 Esperanza, Rancho Santa Margarita, CA, 92688 
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com 
Sales@mmdcomp.com
Revisions only with customer approval
Page 2 of 2
Revision:
06/24/14 J
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Frequency Stability vs Temperature Table
Code
Stability
10
15
20
25
30
35
50
Temp
±1.0
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±3.5ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
●
●
●
B
-10°C TO +50°C
●
●
●
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
●
●
●
D
-30°C TO +70°C
●
●
●
●
●
E
-30°C TO +80°C
●
●
●
●
●
F
-40°C TO +85°C
●
●
●
●
●
● = Available
= Consult with the Manufacturer
2.00
4.00
1.75
Ø1. 50
+0.10
-0.00
Ø1.50 MIN
7.4
BO
A0
5.4
K0
2.0
7.50
0. 60 MAX
B0
K0
COVER TAPE
A0
PITCH
PITCH
8.0
TAPE
16.0
DIRECTIO N OF FEED
PIN 1 O RIENTATIO N
330 [13 IN ]
REEL
TAPE
NO TES: U NL ESS OTH ERWISE SPECIFIED
1. Applicable Standards / Specific ations
ANSI Y14. 5M, D imensions and Toleranc es
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm
and 12 mm Punc hed Carrier Taping of Surface Mount Components for
Automatic Handling.
2. Dim ensi ons are in m illim eters .
3. Tol erances are ±0.1 mm unl es s otherwise spec ified.
4. Do not s cale drawing.
Frequency
MTD
5 x 7 SMD TCXO
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
3 = +3.3 VDC
5 = +5.0 VDC
Frequency
Stability
10 = ± 1.0 ppm
15 = ± 1.5 ppm
20 = ± 2.0 ppm
25 = ± 2.5 ppm
30 = ± 3.0 ppm
35 = ± 3.5 ppm
50 = ± 5.0 ppm
100 = ±10.0 ppm
Output
S = Clipped Sinewave
Operating
Temperature
A = 0°C to +50°C
B = -10°C to +60°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
Blank = No Connect
V = Voltage Control
S
Packaging
Blank = Bulk
T = Tape and Reel
7.20±.20 [.283±0.008]
MAX
SUPPLY VOLTAGE
VC OR N/C
5.20±.20 [.205±0.008]
MAX
2.00 [.079]
MAX
5.08±.10 [.200±0.004]
PIN 4
PIN 3
PIN 2
PIN 1
OUTPUT
GROUND
12
43
5
6
7
8
SUGGESTED LAND PATTERN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
PIN 5-8 FACTORY TEST
TERMINALS (DO NOT USE)
MXXXXX
SYYWWL
XXXXX
1.40 [.055]
1.00 [.039]
0.75 [.030]
3.00 [.118]
1.20 [.047]
3.00 [.118]
3.58 [.141]
1.50 [.059]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com