Electronic Components Datasheet Search
  English  ▼

X  

MTDS5 Datasheet(PDF) 1 Page - MMD Components

Part # MTDS5
Description  Low Profile SMD TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTDS5 Datasheet(HTML) 1 Page - MMD Components

  MTDS5 Datasheet HTML 1Page - MMD Components MTDS5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek 
30400 Esperanza, Rancho Santa Margarita, CA, 92688 
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com 
Sales@mmdcomp.com
Revisions only with customer approval
Page 1 of 2
Revision:
06/24/14 J
M
MT
TD
DS
S S
Se
erriie
ess –
– 5
5 X
X 7
7 C
Ce
erra
am
miicc S
SM
MD
D T
TC
CX
XO
O
 Low Profile SMD TCXO
 Clipped Sinewave Output
 RoHS Compliant
 Low Power Consumption
Environmental & Mechanical Detail
Marking Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code
(Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A
Frequency Range
10.000MHZ to 27.000MHZ
Frequency Stability
vs. Temperature 
at ±25ºC ±3ºC 
vs. Load 
vs. Voltage 
vs. Time
(See Frequency Stability vs. Temperature in Part Marking Guide) 
±1.0 ppm 
±0.2 ppm for ±5% change in load 
±0.2 ppm for ±5% change in Supply 
±1.0 ppm/year
Operating Temperature Range
(See Operating Temperature)
Storage Temperature Range
-40ºC to +85ºC
Output Type
Clipped Sinewave
Supply Voltage
+3.30 VDC ±5%
±5.00 VDC ±5%
Supply Current
2.0mA max
2.0mA max
Output Level
0.8 VP-P min
1.0 VP-P min
Output Load
10 kΩ // 10pF
10 kΩ // 10pF
Control Voltage Pin1 (optional)
Control Voltage (Positive Slope)
+1.65 VDC ±1.50 VDC
+2.50 VDC ±2.00 VDC
Option Frequency Pull Range
±10 ppm min
Linearity
10% max


Similar Part No. - MTDS5

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTDS515A MMD-MTDS515A Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS515AV MMD-MTDS515AV Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS515B MMD-MTDS515B Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS515BV MMD-MTDS515BV Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS515C MMD-MTDS515C Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
More results

Similar Description - MTDS5

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5010LH EPSON-TG-5010LH Datasheet
249Kb / 2P
TCXO MINIATURE SIZE LOW PROFILE
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
TCXO MINIATURE SIZE LOW PROFILE
logo
Fox Electronics
FOX801 FOX-FOX801 Datasheet
263Kb / 1P
3.0V/5.0V LOW PROFILE TCXO
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
Epson ToYoCom
TCO-5860 EPSONTOYOCOM-TCO-5860 Datasheet
318Kb / 2P
TCXO MINIATURE SIZE LOW PROFILE
logo
MMD Components
MTKH MMD-MTKH Datasheet
208Kb / 2P
SMD TCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
Advanced XTAL Products
AXLE195B AXTAL-AXLE195B Datasheet
188Kb / 4P
SMD (VC)TCXO in 18.8x12.2 mm low profile package
logo
AiT Semiconductor Inc.
KTC5032 AITSEMI-KTC5032 Datasheet
330Kb / 2P
SMD TCXO
KTM AITSEMI-KTM Datasheet
246Kb / 1P
SMD TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com