Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 4Page - Vishay Siliconix T55 Datasheet HTML 5Page - Vishay Siliconix T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 02-Nov-16
8
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +105 °C
220
B
T55B227M6R3C0200
138.6
8
200
0.80
1000
220
B
T55B227M6R3C0070
138.6
8
70
1.36
1000
220
B
T55B227M6R3C0045
138.6
8
45
1.69
1000
220
B
T55B227M6R3C0035
138.6
8
35
1.93
1000
220
B
T55B227M6R3C0025
138.6
8
25
2.28
1000
220
V
T55V227M6R3C0050
138.6
10
50
1.93
1000
220
V
T55V227M6R3C0045
138.6
10
45
2.03
1000
220
V
T55V227M6R3C0040
138.6
10
40
2.16
1000
220
V
T55V227M6R3C0035
138.6
10
35
2.31
1000
220
V
T55V227M6R3C0025
138.6
10
25
2.73
1000
220
V
T55V227M6R3C0018
138.6
10
18
3.22
1000
220
V
T55V227M6R3C0015
138.6
10
15
3.53
1000
220
D
T55D227M6R3C0055
138.6
10
55
2.02
1000
220
D
T55D227M6R3C0050
138.6
10
50
2.12
1000
220
D
T55D227M6R3C0040
138.6
10
40
2.37
1000
220
D
T55D227M6R3C0035
138.6
10
35
2.53
1000
220
D
T55D227M6R3C0025
138.6
10
25
3.00
1000
330
V
T55V337M6R3C0050
207.9
10
50
1.93
1000
330
V
T55V337M6R3C0045
207.9
10
45
2.03
1000
330
V
T55V337M6R3C0040
207.9
10
40
2.16
1000
330
V
T55V337M6R3C0025
207.9
10
25
2.73
1000
330
V
T55V337M6R3C0018
207.9
10
18
3.22
1000
330
V
T55V337M6R3C0015
207.9
10
15
3.53
1000
330
D
T55D337M6R3C0055
207.9
10
55
2.02
1000
330
D
T55D337M6R3C0050
207.9
10
50
2.12
1000
330
D
T55D337M6R3C0045
207.9
10
45
2.23
1000
330
D
T55D337M6R3C0040
207.9
10
40
2.37
1000
330
D
T55D337M6R3C0025
207.9
10
25
3.00
1000
330
D
T55D337M6R3C0018
207.9
10
18
3.53
1000
330
D
T55D337M6R3C0015
207.9
10
15
3.87
1000
330
D
T55D337M6R3C0012
207.9
10
12
4.33
1000
470
V
T55V477M6R3C0055
296.1
10
55
1.84
1000
470
V
T55V477M6R3C0050
296.1
10
50
1.93
1000
470
D
T55D477M6R3C0030
296.1
10
30
2.73
1000
470
D
T55D477M6R3C0025
296.1
10
25
3.00
1000
470
D
T55D477M6R3C0018
296.1
10
18
3.53
1000
470
D
T55D477M6R3C0015
296.1
10
15
3.87
1000
7 VDC AT +105 °C
100
A
T55A107M007C0070
70.0
10
70
1.28
1000
10 VDC AT +105 °C
3.3
J
T55J335M010C0500
10.0
10
500
0.32
1000
3.3
P
T55P335M010C0500
5.0
10
500
0.36
1000
4.7
P
T55P475M010C0500
10.0
10
500
0.36
1000
4.7
P
T55P475M010C0200
10.0
10
200
0.56
1000
4.7
A
T55A475M010C0500
4.7
10
500
0.48
1000
4.7
A
T55A475M010C0300
4.7
10
300
0.61
1000
4.7
A
T55A475M010C0200
4.7
10
200
0.76
1000
6.8
A
T55A685M010C0500
6.8
10
500
0.48
1000
6.8
A
T55A685M010C0300
6.8
10
300
0.61
1000
6.8
A
T55A685M010C0200
6.8
10
200
0.76
1000
10
A
T55A106M010C0500
10.0
10
500
0.48
1000
10
A
T55A106M010C0300
10.0
10
300
0.61
1000
10
A
T55A106M010C0200
10.0
10
200
0.76
1000
15
A
T55A156M010C0500
15.0
10
500
0.48
1000
15
A
T55A156M010C0200
15.0
10
200
0.76
1000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni / Pd / Au, cases T, B, V, D: Ni / Pd / Au.
(1) Rating in development, contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com