Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix T55 Datasheet HTML 13Page - Vishay Siliconix T55 Datasheet HTML 14Page - Vishay Siliconix T55 Datasheet HTML 15Page - Vishay Siliconix T55 Datasheet HTML 16Page - Vishay Siliconix T55 Datasheet HTML 17Page - Vishay Siliconix T55 Datasheet HTML 18Page - Vishay Siliconix T55 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 05-Oct-16
4
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POLYMER CAPACITORS - MOLDED CASE
SERIES
T55
PRODUCT IMAGE
TYPE
VPolyTanTM, molded case, high performance polymer
FEATURES
High performance
TEMPERATURE RANGE
-55 °C to +105 °C
CAPACITANCE RANGE
3.3 μF to 680 μF
VOLTAGE RANGE
2.5 V to 50 V
CAPACITANCE TOLERANCE
± 20 %
LEAKAGE CURRENT
0.1 CV
DISSIPATION FACTOR
8 % to 10 %
ESR
12 m
 to 500 m
CASE SIZES
J, P, A, T, B, V, D
TERMINATION FINISH
Cases J, P: 100 % tin
Case A: 100 % tin or Ni/Pd/Au
Cases T, B, V, D: Ni/Pd/Au
POLYMER CAPACITORS - LEADFRAMELESS MOLDED CASE
SERIES
T52
T58
T59
T54
PRODUCT IMAGE
TYPE
vPolyTanTM polymer
surface mount chip
capacitors, low profile,
leadframeless molded type
vPolyTanTM polymer surface
mount chip capacitors,
compact, leadframeless
molded type
vPolyTanTM polymer
surface mount chip
capacitors, low ESR,
leadframeless molded type
vPolyTanTM polymer
surface mount chip
capacitors, low ESR,
leadframeless molded type,
commercial off-the-shelf
(COTS)
FEATURES
Low profile
Small case size
Multianode
Hi-rel COTS, multianode
TEMPERATURE
RANGE
-55 °C to +105 °C
-55 °C to +105 °C
(above 85 °C, voltage
derating is required)
-55 °C to +105 °C
-55 °C to +105 °C
CAPACITANCE
RANGE
47 μF to 1500 μF
1 μF to 330 μF
15 μF to 470 μF
15 μF to 470 μF
VOLTAGE RANGE
6.3 V to 35 V
6.3 V to 35 V
16 V to 75 V
16 V to 75 V
CAPACITANCE
TOLERANCE
± 20 %
± 20 %
± 10 %, ± 20 %
± 20 %
LEAKAGE
CURRENT
0.1 CV
DISSIPATION
FACTOR
10 %
8 % to 14 %
10 %
10 %
ESR
25 m
 to 55 m
50 m
 to 500 m
25 m
 to 150 m
25 m
 to 150 m
CASE SIZES
E1, E5, M1
MM, M0, W0, W9,
A0, AA, B0, BB
EE
EE
TERMINATION
100 % tin
100 % tin / lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com