Electronic Components Datasheet Search
  English  ▼

X  

T58 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T58
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T58 Datasheet(HTML) 3 Page - Vishay Siliconix

  T58 Datasheet HTML 1Page - Vishay Siliconix T58 Datasheet HTML 2Page - Vishay Siliconix T58 Datasheet HTML 3Page - Vishay Siliconix T58 Datasheet HTML 4Page - Vishay Siliconix T58 Datasheet HTML 5Page - Vishay Siliconix T58 Datasheet HTML 6Page - Vishay Siliconix T58 Datasheet HTML 7Page - Vishay Siliconix T58 Datasheet HTML 8Page - Vishay Siliconix T58 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
T58
www.vishay.com
Vishay
Revision: 02-Nov-16
3
Document Number: 40189
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX. RIPPLE,
100 kHz IRMS
(A)
6.3 VDC AT +85 °C, 5 VDC AT +105 °C
10
MM
T58MM106M6R3C0500
6.3
8
500
0.224
10
MM
T58MM106M6R3C0300
6.3
8
300
0.289
22
MM
T58MM226M6R3C0500
14
10
500
0.224
22
MM
T58MM226M6R3C0300
14
10
300
0.289
22
W9
T58W9226M6R3C0500
14
10
500
0.283
47
M0
T58M0476M6R3C0500
30
14
500
0.224
47
M0
T58M0476M6R3C0300
30
14
300
0.289
47
W9
T58W9476M6R3C0300
30
10
300
0.365
47
W9
T58W9476M6R3C0200
30
10
200
0.447
47
W9
T58W9476M6R3C0150
30
10
150
0.516
100
A0
T58A0107M6R3C0150
63
10
150
0.606
100
A0
T58A0107M6R3C0100
63
10
100
0.742
150
B0 (1)
T58B0157M6R3C0200
95
14
200
0.592
330
BB (1)
T58BB337M6R3C0100
208
14
100
0.922
330
BB (1)
T58BB337M6R3C0050
208
14
50
1.304
8.2 VDC AT +85 °C, 6.6 VDC AT +105 °C
47
W0
T58W0476M8R2C0500
39
10
500
0.283
47
W0
T58W0476M8R2C0300
39
10
300
0.365
47
W0 (1)
T58W0476M8R2C0200
39
10
200
0.447
10 VDC AT +85 °C, 8 VDC AT +105 °C
47
A0
T58A0476M010C0100
47
14
100
0.742
220
BB (1)
T58BB227M010C0200
220
14
200
0.652
220
BB (1)
T58BB227M010C0050
220
14
50
1.304
16 VDC AT +85 °C, 12.8 VDC AT +105 °C
47
BB
T58BB476M016C0200
75
14
200
0.652
47
BB
T58BB476M016C0090
75
14
90
0.972
25 VDC AT +85 °C, 20 VDC AT +105 °C
22
BB
T58BB226M025C0150
55
14
150
0.753
22
BB
T58BB226M025C0100
55
14
100
0.850
35 VDC AT +85 °C, 28 VDC AT +105 °C
1.0
W9
T58W9105M035C0500
3.5
8
500
0.283
Note
(1) Rating in development, contact factory for availability.
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
6.3
5.0
8.2
6.6
10
8.0
16
12.8
25
20
35
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com