Electronic Components Datasheet Search
  English  ▼

X  

T58 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T58
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T58 Datasheet(HTML) 4 Page - Vishay Siliconix

  T58 Datasheet HTML 1Page - Vishay Siliconix T58 Datasheet HTML 2Page - Vishay Siliconix T58 Datasheet HTML 3Page - Vishay Siliconix T58 Datasheet HTML 4Page - Vishay Siliconix T58 Datasheet HTML 5Page - Vishay Siliconix T58 Datasheet HTML 6Page - Vishay Siliconix T58 Datasheet HTML 7Page - Vishay Siliconix T58 Datasheet HTML 8Page - Vishay Siliconix T58 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
T58
www.vishay.com
Vishay
Revision: 02-Nov-16
4
Document Number: 40189
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE VS. FREQUENCY
IMPEDANCE AND ESR VS. FREQUENCY
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
MM / M0
0.025
W9 / W0
0.040
A0
0.055
AA
0.075
B0
0.070
BB
0.085
10
100
1000
10000
1
10
100
1000
0.01
0.1
1
10
100
1000
10 000
Axis Title
Frequency (kHz)
2nd line
47 μF - 6 V M0
22 μF - 6 V MM
220 μF - 10 V BB
100 μF - 6 V A0
10
100
1000
10000
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
10 000
100 000
Axis Title
Frequency (kHz)
2nd line
1
2
1. 22 μF - 6 V MM
2. 47 μF - 6 V M0
3. 100 μF - 6 V A0
4. 220 μF - 10 V BB
3
4
ESR
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com