Electronic Components Datasheet Search
  English  ▼

X  

LM2637M Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2637M
Description  Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2637M Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2637M Datasheet HTML 9Page - National Semiconductor (TI) LM2637M Datasheet HTML 10Page - National Semiconductor (TI) LM2637M Datasheet HTML 11Page - National Semiconductor (TI) LM2637M Datasheet HTML 12Page - National Semiconductor (TI) LM2637M Datasheet HTML 13Page - National Semiconductor (TI) LM2637M Datasheet HTML 14Page - National Semiconductor (TI) LM2637M Datasheet HTML 15Page - National Semiconductor (TI) LM2637M Datasheet HTML 16Page - National Semiconductor (TI) LM2637M Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Applications Information (Continued)
(18)
where (di/dt)
max is the maximum allowable input current slew
rate, which is 0.1 A/µs in the case of Pentium II power supply
and
∆V is equal to maximum load current times input capaci-
tor ESR. So the input inductor size, according to the above
equation, should be 2.1 µH.
Dynamic Positioning of Load Voltage
The following is just a quick overview of a technique called
dynamic voltage positioning. For a detailed explanation and
examples please refer to our application note
Using Dy-
namic Voltage Positioning Technique to Reduce the Cost of
Output Capacitors in Advanced Microprocessor Power Sup-
plies. An associated spreadsheet is also available for auto-
mated design.
Since the typical MPU core voltage’s steady state regulation
window is fairly large, it is a good idea to dynamically posi-
tion the steady state output voltage in the steady state regu-
lation window with respect to load current level so that the
output voltage has more headroom for load transient re-
sponse. This needs load current information. There are at
least two simple ways to implement this idea with LM2637.
One is to utilize the output inductor DC resistance, see
Fig-
ure 9. The average voltage across the output inductor is ac-
tually that across its DC resistance, which is proportional to
load current.
Since the switching node voltage V
A toggles between the in-
put voltage and ground at the switching frequency, it is im-
possible to choose node A as the feedback point, otherwise
the dynamic performance will suffer and the system may
have noise problems. Using a low pass filter network around
the inductor, such as the one shown in the figure, seems to
be a good idea. The feedback point is node C.
Since at switching frequency the impedance of the 0.1 µF is
much less than 5 k
Ω, so the toggling voltage at node A will
mainly drop across the 5 k
Ω resistor and node C will be
much quieter than A. However, V
CB average is still the ma-
jority of V
AB average, because of the ratio of the resistor di-
vider. So in steady state V
C = IO xrL +VCORE, where rL is the
inductor DC resistance. So at no load, output voltage is
equal to V
C, and at full load, output voltage is IO xrL lower
than V
C. To further utilize the steady state regulation window,
a resistor can be connected between the FB pin and ground
to increase the no-load output voltage to close to the upper
limit of the window.
A possible drawback of the scheme in
Figure 9 is slow tran-
sient recovery speed. Since the 5 k
Ω resistor and the 0.1 µF
capacitor have a large time constant, the settling of node C
to its steady state value during a load transient may take a
few milliseconds. Depends on the interaction between the
compensation network and the 0.1 µF capacitor, V
CORE may
take different routes to reach its steady state value. This is
undesired when the load transient happens more than 1000
times per second. Reducing the time constant will result in a
more fluctuating V
C, due to a less effective low pass filter.
Fine tuning the parameters may generate an acceptable de-
sign.
Another way to implement the dynamic voltage ppsitioning is
through the use of a separate resistor, such as the 4 m
Ω re-
sistor in
Figure 10 above. The advantage of this implementa-
tion over the previous one is a much faster recovery speed of
V
CORE from transient level to steady state level. A fine-tuned
compensation network will give good response as shown in
Figure 11. The disadvantage is additional power loss. The to-
tal power loss can be 0.78W at 14A of load current. The cost
of the resistor can be minimized by using a PCB etch
resistor.
PCB Layout Considerations
There are several points to consider.
DS100848-27
FIGURE 9. Dynamic Voltage Positioning by Utilizing
Output Inductor DC Resistance
DS100848-28
FIGURE 10. Dynamic Voltage Positioning by Using a
Stand-Alone Resistor
DS100848-29
FIGURE 11. Load Transient Response with DVP: 0A to
14A, ESR = 9.4 m
Ω, Droop Resistor = 4mΩ
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com