Electronic Components Datasheet Search
  English  ▼

X  

PS9715 Datasheet(PDF) 3 Page - NEC

Part # PS9715
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9715 Datasheet(HTML) 3 Page - NEC

  PS9715 Datasheet HTML 1Page - NEC PS9715 Datasheet HTML 2Page - NEC PS9715 Datasheet HTML 3Page - NEC PS9715 Datasheet HTML 4Page - NEC PS9715 Datasheet HTML 5Page - NEC PS9715 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
HIGH LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME, PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT
vs. FORWARD VOLTAGE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Forward Voltage, VF (V)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
20
40
60
80
100
0
85
10
20
30
40
20
40
60
80
85
100
0
50
100
150
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–25˚C
–50
–25
0
25
50
75
100
0
8
4
12
16
20
ICCL (IF = 10 mA)
VCC = 5.5 V
ICCH (IF = 0 mA)
–50
–25
0
25
50
75
100
0
2
1
3
4
5
VCC = 4.5 V,
VF = 0.8 V,
IOH = 2.0 mA
0
20
10
30
40
50
–50
–25
0
25
50
75
100
tPLH
tPHL
PWD
PS9715



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com