Electronic Components Datasheet Search
  English  ▼

X  

PS9715 Datasheet(PDF) 1 Page - NEC

Part # PS9715
Description  HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9715 Datasheet(HTML) 1 Page - NEC

  PS9715 Datasheet HTML 1Page - NEC PS9715 Datasheet HTML 2Page - NEC PS9715 Datasheet HTML 3Page - NEC PS9715 Datasheet HTML 4Page - NEC PS9715 Datasheet HTML 5Page - NEC PS9715 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
•
HIGH COMMON MODE TRANSIENT IMMUNITY
CMH, CML = ±20 kV/µs TYP
•
SMALL AND THIN PACKAGE
5-pin SOP
•
HIGH SPEED
10 Mbps
•
PULSE WIDTH DISTORTION
|tPHL – tPLH| = 7 ns TYP
•
HIGH ISOLATION VOLTAGE
BV = 2500 Vr.m.s.
•
TOTEM POLE OUTPUT
No pull-up resistor required
•
AVAILABLE IN TAPE AND REEL
PS9715-F3, F4: 3500 pcs/reel
DESCRIPTION
PS9715 is an optically coupled high-speed, totem pole output
isolator containing a GaAIAs LED on the light emitting side
(input side) and a photodiode and a signal processing circuit on
the light receiving side (output side) on one chip.
PS9715
HIGH CMR, 10 Mbps
TOTEM POLE OUTPUT TYPE
5-PIN SOP PHOTOCOUPLER
APPLICATIONS
•
LAN/FA
•
MEASUREMENT EQUIPMENT
•
PDP
California Eastern Laboratories
ELECTRICAL CHARACTERISTICS (TA = 0 to +85°C, Unless otherwise specified)
PART NUMBER
PS9715
SYMBOL
PARAMETERS
UNITS
MIN
TYP1
MAX
VF
Forward Voltage, IF = 10 mA, TA = 25°CV
1.4
1.65
1.9
IR
Reverse Current, VR = 3 V, TA = 25°C
µA10
Ct
Capacitance, V = 0, f = 1 MHz, TA = 25°CpF
30
IOH
High Level Output Current2
µA
0.003
200
Vcc = VO = 5.5 V, VF = 0.8 V
VOH
High Level Output Voltage
V
2.4
3.0
Vcc = 4.5 V, IF = 250 µA, IOH = -2 mA
VOL
Low Level Output Voltage
V
0.25
0.6
Vcc = 4.5 V, VF = 0.8 V, IOL = 8 mA
ICCH
High Level Supply Current, VCC = 5.5 V, IF = 0 mA
mA
12
17
ICCL
Low Level Supply Current, VCC = 5.5 V, IF = 10 mA
mA
13
18
IOSH
High Level Output Short Circuit Current, VCC = 5.5 V, VO = GND
mA
-26
IF = 0 mA, 10 ms or less
IOSL
Low Level Output Short Circuit Current, VCC = 5.5 V, VO = GND
mA
34
IF = 8 mA, 10 ms or less
IFHL
Threshhold Input Current, High → Low, VCC = 5 V
TA = 25°CmA
2.3
5
6
RI-O
Isolation Resistance, VI-O = 1 k VDC, RH = 40 to 60%, TA = 25°C
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1 MHz, TA = 25°CpF
0.4
tPHL
Propagation Delay Time1, High → Low
TA = 25°Cns
15
33
65
VCC = 5 V, IF = 7.5 mA
10
85
tPLH
Propagation Delay Time1, Low → High
TA = 25°Cns
15
40
65
VCC = 5 V, IF = 7.5 mA
10
85
Continued on next page
6
1
54
3
PS9715


Similar Part No. - PS9715

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9715-F3 CEL-PS9715-F3 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9715-F4 CEL-PS9715-F4 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9715

ManufacturerPart #DatasheetDescription
logo
NEC
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9115 CEL-PS9115 Datasheet
266Kb / 14P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com