Electronic Components Datasheet Search
  English  ▼

X  

S3F9488 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S3F9488
Description  8-bit CMOS Microcontroller Revision 1
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F9488 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S3F9488 Datasheet HTML 4Page - Samsung semiconductor S3F9488 Datasheet HTML 5Page - Samsung semiconductor S3F9488 Datasheet HTML 6Page - Samsung semiconductor S3F9488 Datasheet HTML 7Page - Samsung semiconductor S3F9488 Datasheet HTML 8Page - Samsung semiconductor S3F9488 Datasheet HTML 9Page - Samsung semiconductor S3F9488 Datasheet HTML 10Page - Samsung semiconductor S3F9488 Datasheet HTML 11Page - Samsung semiconductor S3F9488 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
S3C9484/C9488/F9488
PRODUCT OVERVIEW
1-7
PIN DESCRIPTIONS
Table 1-1. Pin Descriptions of 44-QFP and 42-SDIP
Pin
Names
Pin
Type
Pin Description
Circuit
Type
44 Pin
No.
42 Pin
No.
Shared
Functions
P0.0, P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors can be assigned
by software. Pins can also be assigned
individually as alternative function pins.
E
E-1
E-2
H-16
10–14
16–18
16–18
20-22
XTIN, XTOUT
RESETB
ADC8
COM7/ADC7
COM6/ADC6
COM5/ADC5
COM4/ADC4
P1.0
P1.1–P1.3
P1.4–P1.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors can be assigned
by software. Pins can also be assigned
individually as alternative function pins.
E-3
E-1
H-14
19–26
23–30
ADC3/TBPWM
ADC2/BUZ
ADC1–ADC0
COM3–COM0
P2.0–P2.7
I/O
I/O port with bit-programmable pins.
Configurable to input mode, push-pull
output mode. Input mode with pull-up
resistors can be assigned by software.
The port 2 pins have high current drive
capability. Pins can also be assigned
individually as alternative function pins.
H-14
30–37
34–41
SEG3–SEG10
P3.0–P3.2
P3.3
P3.4, P3.6
P3.5
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors can be assigned
by software. Pins can also be assigned
individually as alternative function pins.
H-14
H-15
H-17
D-5
D-4
42–44,
1–4
4–10
SEG15
SEG16/RXD
SEG17/TXD
SEG18/INT0
TAOUT/INT1
TACK/INT2
TACAP/INT3
P4.0–P4.6
I/O
I/O port with bit-programmable pins.
Configurable to input mode, push-pull
output mode. Input mode with pull-up
resistors can be assigned by software.
Pins can also be assigned individually as
alternative function pins.
H-14
27–29
38–41
31–33
42, 1–3
SEG0–2
SEG11–14
XIN, XOUT
I, O
System clock input and output pins
–
8,7
14,13
–
TEST
I
Test signal input pin (for factory use only;
must be connected to VSS.)
_
9
15
_
VDD
–
Power supply input pin
–
5
11
–
VSS
–
Ground pin
–
6
12
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com