Electronic Components Datasheet Search
  English  ▼

X  

S3F9488 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3F9488
Description  8-bit CMOS Microcontroller Revision 1
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F9488 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3F9488 Datasheet HTML 17Page - Samsung semiconductor S3F9488 Datasheet HTML 18Page - Samsung semiconductor S3F9488 Datasheet HTML 19Page - Samsung semiconductor S3F9488 Datasheet HTML 20Page - Samsung semiconductor S3F9488 Datasheet HTML 21Page - Samsung semiconductor S3F9488 Datasheet HTML 22Page - Samsung semiconductor S3F9488 Datasheet HTML 23Page - Samsung semiconductor S3F9488 Datasheet HTML 24Page - Samsung semiconductor S3F9488 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
ADDRESS SPACES
S3C9484/C9488/F9488
2-2
PROGRAM MEMORY (ROM)
Program memory (ROM) stores program codes or table data. The S3C9484/C9488 has 4K and 8Kbytes of internal
mask programmable program memory. The program memory address range is therefore 0H–0FFFH and 0H-1FFFH.
The S3F9488 have 8Kbytes (locations 0H–1FFFH) of internal multi time programmable (MTP) program memory (see
Figure 2-1).
The first 2-bytes of the ROM (0000H–0001H) are interrupt vector address.
Unused locations (0002H–00FFH except 3CH, 3DH, 3EH, 3FH) can be used as normal program memory.
The location 3CH, 3DH, 3EH, and 3FH is used as smart option ROM cell.
The program reset address in the ROM is 0100H.
8,191
1FFFH
(S3C9488/F9488)
0100H
8Kbyte
Program
Memory
Area
Interrupt Vector Area
003FH
003CH
0000H
(Decimal)
(HEX)
Program Start
0002H
0
Smart option ROM cell
4Kbyte
Program
Memory
Area
4,095
0FFFH
(S3C9484)
1000H
0200H
Figure 2-1. Program Memory Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com