Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 9Page - Texas Instruments TSB41AB1 Datasheet HTML 10Page - Texas Instruments TSB41AB1 Datasheet HTML 11Page - Texas Instruments TSB41AB1 Datasheet HTML 12Page - Texas Instruments TSB41AB1 Datasheet HTML 13Page - Texas Instruments TSB41AB1 Datasheet HTML 14Page - Texas Instruments TSB41AB1 Datasheet HTML 15Page - Texas Instruments TSB41AB1 Datasheet HTML 16Page - Texas Instruments TSB41AB1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at any output, VO
−0.5 V to VDD + 0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
PAP§
4.78 W
38 mW/
°C
3.06 W
PAP¶
2.13 W
17 mW/
°C
1.36 W
PAP#
2.08 W
16 mW/
°C
1.33 W
PHP§
3.92 W
31.4 mW/
°C
2.51 W
PHP¶
1.9 W
10.4 mW/
°C
1.22 W
PHP#
1.45 W
11 mW/
°C
0.93 W
GQE||
0.82 W
9.6 mW/
°C
0.38 W
GQE#
0.59 W
6.9 mW/
°C
0.28 W
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
§ 1 oz. trace and copper pad with solder
¶ 1 oz. trace and copper pad without solder
# Standard JEDEC low-K board
|| Standard JEDEC high-K board
For more information, refer to TI technical brief PowerPAD Thermally Enhanced Package, TI literature number
SLMA002.
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com