Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 3 Page - Texas Instruments

  TSB41AB1 Datasheet HTML 1Page - Texas Instruments TSB41AB1 Datasheet HTML 2Page - Texas Instruments TSB41AB1 Datasheet HTML 3Page - Texas Instruments TSB41AB1 Datasheet HTML 4Page - Texas Instruments TSB41AB1 Datasheet HTML 5Page - Texas Instruments TSB41AB1 Datasheet HTML 6Page - Texas Instruments TSB41AB1 Datasheet HTML 7Page - Texas Instruments TSB41AB1 Datasheet HTML 8Page - Texas Instruments TSB41AB1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
connected to the twisted-pair-B terminals is coupled to ground through a parallel R-C network with
recommended values of 5 k
Ω and 220 pF. The values of the external line termination resistors are designed
to meet IEEE Std 1394-1995 when connected in parallel with the internal receiver circuits. An external resistor
connected between the R0 and R1 terminals sets the driver output current, along with other internal operating
currents. This current-setting resistor has a value of 6.34 k
Ω ±1.0%.
When the power supply of the TSB41AB1 is off while the twisted-pair cables are connected, the TSB41AB1
transmitter and receiver circuitry presents a high impedance to the cable and does not load the TPBIAS voltage
at the other end of the cable. Fail-safe circuitry blocks any leakage path from the port back to the device power
plane.
The TESTM, SE, and SM terminals are used to set up various manufacturing test conditions. For normal
operation, the TESTM terminal should be connected to VDD through a 1-kΩ resistor, SE should be tied to ground
through a 1-k
Ω resistor, and SM should be connected directly to ground.
Four package terminals are used as inputs to set the default value for four configuration status bits in the self-ID
packet, and are tied high through a 1-k
Ω resistor or hardwired low as a function of the equipment design. The
PC0 – PC2 terminals are used to indicate the default power-class status for the node (the need for power from
the cable or the ability to supply power to the cable). See Table 9 for power-class encoding. The C/LKON
terminal is used as an input to indicate that the node is a contender for either isochronous resource manager
(IRM) or for bus manager (BM).
The TSB41AB1 supports suspend/resume as defined in the IEEE 1394a-2000 specification. The suspend
mechanism allows pairs of directly connected ports to be placed into a low-power state (suspended state) while
maintaining a port-to-port connection between bus segments. While in the suspended state, a port is unable
to transmit or receive data transaction packets. However, a port in the suspended state is capable of detecting
connection status changes and detecting incoming TPBIAS. When the port of the TSB41AB1 is suspended,
all circuits except the band gap reference generator and bias detection circuit is powered down, resulting in
significant power savings. For additional details of suspend/resume operation see IEEE 1394a-2000. The use
of suspend/resume is recommended for new designs.
The port transmitter and receiver circuitry is disabled during power down (when the PD input terminal is asserted
high), during reset (when the RESET input terminal is asserted low), when no active cable is connected to the
port, or when controlled by the internal arbitration logic. The TPBIAS output is disabled during power down,
during reset, or when the port is disabled as commanded by the LLC.
The cable-not-active (CNA) output terminal (64-terminal PAP package only) is asserted high when there are
no twisted-pair cable ports receiving incoming bias (that is, they are either disconnected or suspended), and
can be used along with LPS to determine when to power down the TSB41AB1. The CNA output is not
debounced. When the PD terminal is asserted high, the CNA detection circuitry is enabled (regardless of the
previous state of the ports) and a pulldown is activated on the RESET terminal so as to force a reset of the
TSB41AB1 internal logic.
The LPS (link power status) terminal works with the C/LKON terminal to manage the power usage in the node.
The LPS signal from the LLC is used in conjunction with the LCtrl bit (see Table 1 and Table 2 in the Application
Information section) to indicate the active/power status of the LLC. The LPS signal is also used to reset, disable,
and initialize the PHY-LLC interface (the state of the PHY-LLC interface is controlled solely by the LPS input,
regardless of the state of the LCtrl bit).
The LPS input is considered inactive if it remains low for more than 2.6
µs and is considered active otherwise.
When the TSB41AB1 detects that LPS is inactive, it places the PHY-LLC interface into a low-power reset state
in which the CTL and D outputs are held in the logic zero state and the LREQ input is ignored; however, the
SYSCLK output remains active. If the LPS input remains low for more than 26
µs, the PHY-LLC interface is put
into a low-power disabled state in which the SYSCLK output is also held inactive. The PHY-LLC interface is also
held in the disabled state during hardware reset. The TSB41AB1 continues the necessary repeater functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com