Electronic Components Datasheet Search
  English  ▼

X  

VSC7125 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7125
Description  1.0625 Gbits/sec Fibre Channel Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7125 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7125 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7125
1.0625 Gbits/sec Fibre
Channel Transceiver
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
4/23/98
G52121-0, Rev. 4.1
Functional Description
Clock Synthesizer
The VSC7125 clock synthesizer multiplies the reference frequency provided on the REFCLK pin by 10 to
achieve a baud rate clock at nominally 1.0625 GHz. The clock synthesizer contains a fully monolithic PLL
which does not require any external components.
Serializer
The VSC7125 accepts TTL input data as a parallel 10 bit character on the T0:9 bus which is latched into the
input latch on the rising edge of REFCLK. This data will be serialized and transmitted on the TX PECL differ-
ential outputs at a baud rate of ten times the frequency of the REFCLK input, with bit T0 transmitted first. User
data should be encoded for transmission using the 8B/10B block code described in the Fibre Channel specifica-
tion, or an equivalent, edge rich, DC-balanced code.
Transmission Character Interface
In Fibre Channel, an encoded byte is 10 bits and is referred to as a transmission character. The 10 bit inter-
face on the VSC7125 corresponds to a transmission character. This mapping is illustrated below.
Figure 1: Transmission Order and Mapping to Fibre Channel Character
Clock Recovery
The VSC7125 accepts differential high speed serial inputs on the RX+/RX- pins, extracts the clock and
retimes the data. The serial bit stream should be encoded to provide DC balance and limited run length by a
Fibre Channel compatible 8B/10B transmitter or equivalent. The VSC7125 clock recovery circuitry is com-
pletely monolithic and requires no external components. For proper operation, the baud rate of the data stream
to be recovered should be within 0.01% of ten times the REFCLK frequency. For example if the REFCLK used
is 106.25MHz, then the incoming serial baud rate must be 1.0625 gigabaud +0.01%.
Deserializer
The retimed serial bit stream is converted into a 10-bit parallel output character. The VSC7125 provides
complementary TTL recovered clocks, RCLK and RCLKN, which are at one twentieth of the serial baud rate.
This architecture is designed to simplify demultiplexing of the 10-bit data characters into a 20-bit halfword in
the downstream controller chip. The clocks are generated by dividing down the high-speed clock which is phase
locked to the serial data. The serial data is retimed by the internal high-speed clock, and deserialized. The
First Data Bit Transmitted
Last Data Bit Transmitted
Parallel Data Bits
8B/10B Bit Position
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
j
hgf
i
e
dc
ba
Comma Character
X
X
X
1111100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com