Electronic Components Datasheet Search
  English  ▼

X  

LM2645 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) LM2645 Datasheet HTML 12Page - National Semiconductor (TI) LM2645 Datasheet HTML 13Page - National Semiconductor (TI) LM2645 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 15V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type ap-
ply over the entire operating junction temperature range, 0˚C to +125˚C. Specifications appearing in plain type are measured
using low duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statisti-
cal analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
Oscillator
F
osc
Oscillator Frequency
F
SEL =5V
265
300
335
kHz
F
SEL =0V
174
200
226
kHz
Don_max
Maximum On-Duty Cycle
V
FB1 =VFB2 = 1V, Measured at pins
HDRV1 and HDRV2
96
98
%
T
on_min
Minimum On-Time
150
ns
Error Amplifier
I
FB1,IFB2
Feedback Input Bias
Current
V
FB1_FIX = 1.5V, VFB2_FIX = 1.5V
90
250
nA
I
comp1_SC,
I
comp2_SC
COMP Output Source
Current
V
FB1_FIX =VFB2_FIX = 1V,
V
COMP1 =VCOMP2 =1V
27
104
µA
I
comp1_SK,
I
comp2_SK
COMP Output Sink
Current
V
FB1_FIX =VFB2_FIX = 1.5V and
V
COMP1 =VCOMP2 = 0.5V
27
99
µA
Voltage References and Linear Voltage Regulators
UVLO
VLIN5 Under-voltage
Lockout Threshold
(Rising)
SS1, SS2 transition from low to high
3.6
4.0
4.4
V
R_EXT
EXT pin ON-Resistance
V
EXT = 5V, IVLIN5=25mA
3
Ω
EXT_TH
VLIN5-to-EXT Switch
Over Threshold
Rising edge of V
EXT
4.7
V
V
OUT3
3.3V Linear Regulator
Output Voltage
0mA < IOUT3 < 50mA, 5.5V
≤ VIN ≤
30V, V
EXT=5V
3.306
3.3
3.564
V
I
OUT3
3.3V Linear regulator
Current limit threshold
ON1 = HIGH, EXT = 5V
100
mA
I
LDODRV
LDODRV pin Sink
Current
V
LDODRV = 11V, VLDOFB = 1.1V
4.0
6mA
V
LDOFB
LDODRV Feedback
Voltage
3.5V
≤ V
LDODRV ≤ 12V
1.215
1.240
1.265
V
Accuracy with Load
3.5V
≤ LDO power supply voltage ≤
15V, I
LDODRV = 500µA
1.236
V
I
LDOFB
LDOFB Leakage Current
(Sourcing)
V
LDOFB = 1.4V
50
100
nA
V
2NDFB
Secondary winding
voltage feedback detect
threshold
Falling Edge
1.3
1.5
1.7
V
Logic Inputs
V
IH
Minimum High Level
Input Voltage (SD,
FPWM/2NDFB, ON1,
ON2, F
SEL)
2.0
V
V
IL
Maximum Low Level
Input Voltage for
FPWM/2NDFB, ON1
ON2, F
SEL)
0.8
V
SD
0.6
V
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com