Electronic Components Datasheet Search
  English  ▼

X  

MCP73830 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 5 Page - Microchip Technology

  MCP73830 Datasheet HTML 1Page - Microchip Technology MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2011-2014 Microchip Technology Inc.
DS20005049D-page 5
MCP73830/L
Thermal Shutdown
Die Temperature
TSD
—
150
—
C
Die Temperature
Hysteresis
TSDHYS
—10
—
C
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typical)+0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD= [VREG(Typical)+1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Elapsed Timer
Elapsed Timer Period
tELAPSED
3.5
4.0
4.5
Hours
Preconditioning Timer
Preconditioning Timer Period
tPRECHG
0.8
1
1.2
Hours
Status Indicator
Status Output Turn-Off
tOFF
——
500
µs
ISINK = 1 mA to 0 mA (Note 1)
Status Output Turn-On
tON
——
500
µs
ISINK = 0 mA to 1 mA (Note 1)
Note 1:
Not production tested. Ensured by design.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (Typical) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, TDFN-6 (2x2)
JA
—
91
—
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
JC
—19
—
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com