Electronic Components Datasheet Search
  English  ▼

X  

MCP73830 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology MCP73830 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MCP73830/L
DS20005049D-page 6
 2011-2014 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(Typical) + 1V], IOUT = 30 mA and TA= +25°C, Constant Voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-3:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-4:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-5:
Charge Current (IOUT) vs.
Programming Resistor (RPROG), MCP73830L.
FIGURE 2-6:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.10
4.15
4.20
4.25
4.30
IOUT = 100 mA
4.00
4.05
-45 -35 -25 -15 -5 5 1525354555657585
Temp (°C)
OUT
VDD = 5.2V
4.10
4.15
4.20
4.25
4.30
I
=30 mA
4.00
4.05
-45 -35 -25 -15 -5 5 1525354555657585
Temp (°C)
IOUT =30 mA
VDD = 5.2V
34
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
VDD = VREG
VBAT = 3.2V
3.0
3.2
3.4
-40 -30 -20 -10 0 1020304050607080
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com