Electronic Components Datasheet Search
  English  ▼

X  

NE85619 Datasheet(PDF) 12 Page - NEC

Part # NE85619
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85619 Datasheet(HTML) 12 Page - NEC

Back Button NE85619 Datasheet HTML 8Page - NEC NE85619 Datasheet HTML 9Page - NEC NE85619 Datasheet HTML 10Page - NEC NE85619 Datasheet HTML 11Page - NEC NE85619 Datasheet HTML 12Page - NEC NE85619 Datasheet HTML 13Page - NEC NE85619 Datasheet HTML 14Page - NEC NE85619 Datasheet HTML 15Page - NEC NE85619 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE856 SERIES
NE85633
VCE = 2.5 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
50
0.960
-12.7
3.696
173.0
0.028
83.1
0.988
-4.5
0.01
21.2
100
0.942
-25.3
3.417
161.3
0.052
75.2
0.976
-9.6
0.08
18.2
200
0.898
-49.1
3.168
144.6
0.089
61.8
0.923
-18.5
0.13
15.5
400
0.800
-87.6
2.521
117.5
0.139
42.0
0.804
-30.4
0.27
12.6
600
0.717
-115.1
1.995
98.3
0.155
30.4
0.720
-38.0
0.43
11.1
800
0.672
-135.4
1.632
84.3
0.155
24.9
0.672
-44.0
0.58
10.2
1000
0.649
-150.7
1.391
72.4
0.146
23.8
0.642
-49.6
0.75
9.8
1500
0.627
178.2
1.032
51.6
0.131
40.4
0.608
-65.0
1.13
6.8
2000
0.624
154.3
0.842
37.3
0.186
63.7
0.582
-83.0
1.05
5.2
2500
0.615
131.9
0.747
28.0
0.308
65.6
0.547
-104.1
0.92
3.8
3000
0.601
112.1
0.709
21.7
0.448
55.4
0.498
-128.3
0.93
2.0
VCE = 2.5 V, IC = 3 mA
50
0.891
-17.8
10.110
168.5
0.028
80.7
0.982
-9.3
0.06
25.6
100
0.876
-38.9
8.943
152.8
0.048
71.4
0.916
-18.7
0.09
22.7
200
0.749
-69.4
7.442
131.8
0.075
53.6
0.778
-31.2
0.27
20.0
400
0.603
-111.5
4.927
105.9
0.101
43.1
0.577
-42.8
0.48
16.9
600
0.533
-136.4
3.558
90.7
0.115
41.3
0.476
-47.2
0.70
14.9
800
0.501
-153.3
2.802
79.8
0.126
43.1
0.429
-50.5
0.86
13.5
1000
0.488
-165.9
2.303
70.6
0.138
46.3
0.403
-54.1
0.98
12.2
1500
0.478
169.8
1.660
52.6
0.182
53.4
0.370
-65.0
1.08
7.9
2000
0.483
151.2
1.337
37.9
0.249
56.1
0.348
-78.8
1.02
6.4
2500
0.489
132.7
1.155
25.6
0.337
53.6
0.324
-96.6
0.95
5.3
3000
0.499
116.9
1.042
15.4
0.433
46.2
0.298
-118.9
0.92
3.8
100
0.602
-60.1
19.040
138.2
0.021
88.8
0.805
-31.7
0.12
29.6
200
0.471
-98.0
13.178
116.7
0.047
56.7
0.564
-45.5
0.54
24.5
400
0.389
-138.4
7.545
96.1
0.072
56.1
0.369
-50.6
0.81
20.2
600
0.370
-159.5
5.208
85.2
0.093
60.0
0.299
-51.8
0.94
17.5
800
0.367
-172.8
3.977
77.2
0.117
61.9
0.266
-53.8
1.00
15.3
1000
0.369
177.5
3.229
70.0
0.140
63.4
0.246
-56.3
1.03
12.6
1200
0.374
169.5
2.740
63.8
0.167
61.5
0.231
-58.6
1.03
11.1
1400
0.379
163.6
2.386
58.2
0.191
61.2
0.222
-61.2
1.04
9.7
1600
0.391
157.6
2.131
52.6
0.215
60.1
0.210
-64.9
1.04
8.7
1800
0.396
153.1
1.932
47.8
0.243
58.6
0.203
-68.7
1.02
8.1
2000
0.409
149.4
1.778
42.9
0.271
56.0
0.189
-73.2
1.00
8.2
2500
0.425
141.1
1.512
31.6
0.337
51.3
0.165
-83.7
0.97
6.5
VCE = 3.5 V, IC = 10 mA
Coordinates in Ohms
Frequency in GHz
VCE = 2.5 V, IC = 3 mA
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
2.5
5.0
7.5
10.0
S12
0.1
0.2
0.3 0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com