Electronic Components Datasheet Search
  English  ▼

X  

NE85619 Datasheet(PDF) 13 Page - NEC

Part # NE85619
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85619 Datasheet(HTML) 13 Page - NEC

Back Button NE85619 Datasheet HTML 9Page - NEC NE85619 Datasheet HTML 10Page - NEC NE85619 Datasheet HTML 11Page - NEC NE85619 Datasheet HTML 12Page - NEC NE85619 Datasheet HTML 13Page - NEC NE85619 Datasheet HTML 14Page - NEC NE85619 Datasheet HTML 15Page - NEC NE85619 Datasheet HTML 16Page - NEC NE85619 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 10 V, IC = 7 mA
NE85634
100
0.714
-42.6
14.567
144.0
0.031
69.3
0.840
-22.1
0.30
26.7
200
0.508
-77.9
11.129
121.0
0.047
63.0
0.636
-31.0
0.56
23.7
400
0.326
-119.5
6.585
98.1
0.072
65.1
0.478
-33.0
0.85
19.6
500
0.286
-132.9
5.409
91.8
0.086
66.9
0.452
-32.8
0.91
18.0
600
0.264
-144.5
4.579
86.5
0.096
68.7
0.431
-33.3
0.98
16.8
800
0.237
-162.6
3.553
78.1
0.124
70.9
0.415
-35.6
1.01
14.0
1000
0.225
-177.8
2.899
70.3
0.152
72.0
0.410
-38.5
1.02
11.9
1500
0.226
148.3
2.083
55.0
0.228
71.0
0.411
-50.3
0.99
9.6
2000
0.262
122.2
1.669
42.4
0.302
67.1
0.403
-66.5
0.96
7.4
2500
0.350
102.4
1.454
29.6
0.381
60.6
0.420
-87.4
0.89
5.8
3000
0.451
87.6
1.258
17.6
0.445
51.5
0.455
-113.6
0.86
4.5
3500
0.548
75.7
1.095
6.0
0.486
41.4
0.520
-139.5
0.85
3.5
4000
0.628
65.2
0.940
-4.4
0.500
31.0
0.593
-160.3
0.85
2.7
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE856 SERIES
100
0.616
-50.5
18.431
138.3
0.028
68.0
0.777
-25.8
0.39
28.2
200
0.405
-87.2
12.799
115.2
0.043
65.4
0.565
-32.5
0.68
24.7
400
0.259
-127.0
7.121
95.1
0.072
70.0
0.426
-32.5
0.91
20.0
500
0.231
-140.2
5.796
89.6
0.086
70.8
0.409
-31.9
0.96
18.3
600
0.214
-150.9
4.893
84.9
0.098
71.7
0.391
-32.4
1.00
17.0
800
0.196
-168.7
3.757
77.2
0.129
73.0
0.379
-34.4
1.02
13.8
1000
0.188
176.2
3.081
69.7
0.160
73.5
0.377
-37.6
1.02
12.0
1500
0.194
143.1
2.202
55.3
0.239
70.3
0.378
-49.5
0.98
9.6
2000
0.232
118.4
1.766
43.0
0.309
65.5
0.369
-66.2
0.97
7.6
2500
0.320
100.2
1.537
30.9
0.386
58.7
0.385
-87.3
0.91
6.0
3000
0.421
86.8
1.338
18.8
0.446
50.0
0.418
-113.7
0.88
4.8
3500
0.523
75.7
1.176
7.1
0.481
40.3
0.484
-139.9
0.87
3.9
4000
0.607
65.2
1.015
-3.7
0.493
30.1
0.563
-160.3
0.86
3.1
100
0.410
-68.8
25.453
126.7
0.024
71.1
0.650
-31.2
0.57
30.3
200
0.252
-105.2
14.914
106.5
0.040
71.5
0.452
-32.8
0.84
25.7
400
0.177
-142.5
7.780
91.2
0.072
76.3
0.360
-29.6
0.97
20.3
500
0.163
-155.1
6.281
86.4
0.089
74.7
0.351
-29.3
0.99
18.5
600
0.155
-164.7
5.279
82.5
0.103
76.7
0.339
-29.7
1.01
16.5
800
0.148
178.8
4.043
75.7
0.137
75.9
0.334
-32.1
1.01
14.1
1000
0.146
164.9
3.292
69.3
0.171
74.1
0.334
-35.8
1.01
12.2
1500
0.157
133.3
2.352
56.3
0.250
69.7
0.337
-47.9
0.99
9.7
2000
0.197
111.2
1.877
44.2
0.321
63.5
0.327
-65.7
0.98
7.7
2500
0.285
95.9
1.643
32.5
0.392
56.4
0.339
-87.6
0.94
6.2
3000
0.387
84.5
1.440
21.1
0.446
48.0
0.372
-115.1
0.92
5.1
3500
0.489
74.5
1.274
9.2
0.476
38.7
0.439
-141.6
0.90
4.3
4000
0.576
65.0
1.112
-2.1
0.489
28.7
0.521
-161.3
0.88
3.6
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 20 mA
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Coordinates in Ohms
Frequency in GHz
VCE = 10 V, IC = 10 mA
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
5.0
10.0
S12
0.1
0.2
0.3 0.4
15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com