Electronic Components Datasheet Search
  English  ▼

X  

NE85630 Datasheet(PDF) 7 Page - NEC

Part # NE85630
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85630 Datasheet(HTML) 7 Page - NEC

Back Button NE85630 Datasheet HTML 3Page - NEC NE85630 Datasheet HTML 4Page - NEC NE85630 Datasheet HTML 5Page - NEC NE85630 Datasheet HTML 6Page - NEC NE85630 Datasheet HTML 7Page - NEC NE85630 Datasheet HTML 8Page - NEC NE85630 Datasheet HTML 9Page - NEC NE85630 Datasheet HTML 10Page - NEC NE85630 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NE856 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS
Coordinates in Ohms
Frequency in GHz
VCE = 10 V, IC = 20 mA
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
25
50
100
S11
S22
90
°
20
30
40
120
°
150
°
180
°
-150
°
-120
°
-90
°
-60
°
0
°
30
°
60
°
-30
°
50
S12
S21
.1
.15
.2
.25
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.881
-40.9
15.380
155.0
0.026
67.0
0.910
-18.9
0.08
27.7
200
0.833
-75.0
13.961
138.0
0.041
50.7
0.760
-31.5
0.13
25.3
500
0.803
-129.8
8.644
108.8
0.056
30.3
0.487
-43.9
0.26
21.9
1000
0.792
-158.7
4.745
89.5
0.060
25.7
0.360
-46.5
0.49
19.0
1500
0.789
-170.5
3.260
78.7
0.063
26.9
0.330
-50.5
0.70
17.1
2000
0.788
-178.0
2.478
70.1
0.065
29.4
0.327
-56.4
0.90
15.8
2500
0.785
176.3
2.009
62.3
0.069
32.6
0.332
-63.4
1.05
13.3
3000
0.784
171.8
1.681
55.0
0.073
38.8
0.351
-69.6
1.17
11.1
4000
0.783
164.5
1.277
42.2
0.084
43.9
0.392
-84.4
1.27
8.7
5000
0.782
158.2
1.027
30.4
0.099
50.4
0.445
-97.1
1.26
7.1
6000
0.786
152.7
0.852
20.3
0.118
53.6
0.501
-108.5
1.13
6.4
7000
0.788
147.5
0.714
11.2
0.138
54.7
0.555
-118.2
1.03
6.1
8000
0.787
142.5
0.605
3.9
0.158
54.6
0.606
-127.1
0.96
5.8
100
0.834
-48.9
20.265
151.6
0.024
61.3
0.872
-23.6
0.13
29.3
200
0.800
-87.0
17.509
133.0
0.036
46.4
0.691
-38.0
0.15
26.9
500
0.786
-138.7
9.871
105.4
0.047
31.2
0.410
-50.7
0.31
23.2
1000
0.782
-163.4
5.268
88.0
0.051
26.9
0.291
-53.1
0.60
20.1
1500
0.781
-173.7
3.609
78.1
0.056
31.8
0.263
-57.0
0.81
18.1
2000
0.781
179.6
2.723
70.3
0.061
36.2
0.261
-62.1
0.98
16.5
2500
0.778
174.6
2.208
63.0
0.067
40.3
0.271
-68.8
1.10
13.3
3000
0.777
170.3
1.849
56.1
0.072
45.2
0.287
-75.3
1.21
11.3
4000
0.777
163.5
1.407
43.7
0.086
49.9
0.330
-88.9
1.28
9.0
5000
0.779
157.4
1.135
32.0
0.103
53.2
0.385
-100.4
1.23
7.5
6000
0.780
152.2
0.947
22.2
0.123
55.4
0.444
-110.2
1.13
6.7
7000
0.780
147.1
0.802
13.1
0.143
54.8
0.500
-119.2
1.04
6.3
8000
0.781
142.4
0.687
5.6
0.161
54.2
0.552
-127.5
0.98
6.3
100
0.753
-71.1
31.641
142.9
0.021
59.3
0.777
-33.9
0.11
31.8
200
0.756
-112.3
23.756
122.7
0.028
42.9
0.551
-50.5
0.20
29.3
500
0.771
-152.7
11.553
99.6
0.034
31.7
0.289
-62.9
0.45
25.3
1000
0.772
-170.7
5.982
85.6
0.041
38.0
0.195
-65.7
0.76
21.6
1500
0.774
-178.6
4.055
76.9
0.048
43.8
0.174
-69.6
0.96
19.3
2000
0.773
176.0
3.062
70.0
0.055
47.5
0.177
-75.7
1.11
15.4
2500
0.772
171.8
2.476
63.3
0.064
55.1
0.187
-82.3
1.18
13.3
3000
0.772
167.9
2.073
57.0
0.074
53.8
0.208
-87.1
1.20
11.8
4000
0.771
161.7
1.581
45.5
0.092
56.7
0.250
-98.6
1.23
9.5
5000
0.771
156.1
1.279
34.5
0.112
57.3
0.306
-107.4
1.18
8.0
6000
0.776
150.8
1.075
24.7
0.131
57.1
0.361
-115.4
1.11
7.1
7000
0.776
146.2
0.919
15.8
0.152
55.3
0.419
-122.2
1.02
6.9
8000
0.775
141.5
0.797
7.8
0.169
53.7
0.474
-128.8
0.97
6.7
Note:
1. Gain Calculations:
NE85600
VCE = 10 V, IC = 7 mA
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 20 mA
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com