Electronic Components Datasheet Search
  English  ▼

X  

NE85630 Datasheet(PDF) 1 Page - NEC

Part # NE85630
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85630 Datasheet(HTML) 1 Page - NEC

  NE85630 Datasheet HTML 1Page - NEC NE85630 Datasheet HTML 2Page - NEC NE85630 Datasheet HTML 3Page - NEC NE85630 Datasheet HTML 4Page - NEC NE85630 Datasheet HTML 5Page - NEC NE85630 Datasheet HTML 6Page - NEC NE85630 Datasheet HTML 7Page - NEC NE85630 Datasheet HTML 8Page - NEC NE85630 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details:
details:
details:
details:
details:
NE85635
NE85635
NE85635
NE85635
NE85635
NEC's NPN SILICON HIGH
FREQUENCY TRANSISTOR
NE856
SERIES
FEATURES
• HIGH GAIN BANDWIDTH PRODUCT:
fT = 7 GHz
• LOW NOISE FIGURE:
1.1 dB at 1 GHz
• HIGH COLLECTOR CURRENT: 100 mA
• HIGH RELIABILITY METALLIZATION
• LOW COST
Frequency, f (GHz)
NE85600
NOISE FIGURE AND GAIN
vs. FREQUENCY
DESCRIPTION
NEC's NE856 series of NPN epitaxial silicon transistors is
designed for low cost amplifier and oscillator applications. Low
noise figures, high gain, and high current capability equate to
wide dynamic range and excellent linearity. The NE856 series
offers excellent performance and reliability at low cost. This is
achieved by NEC's titanium/platinum/gold metallization sys-
tem and their direct nitride passivated base surface process.
The NE856 series is available in chip form and a Micro-x
package for high frequency applications. It is also available in
several low cost plastic package styles.
00 (CHIP)
35 (MICRO-X)
32 (TO-92)
34 (SOT 89 STYLE)
18 (SOT 343 STYLE)
19 (3 PIN ULTRA SUPER
MINI MOLD)
30 (SOT 323 STYLE)
33 (SOT 23 STYLE)
39 (SOT 143 STYLE)
39R (SOT 143R STYLE)
California Eastern Laboratories
0.4 0.5
1.0
2
3
4
5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
GA
MSG
MAG
NFMIN
20
15
10
5
VCC = 10 V, IC 7 mA


Similar Part No. - NE85630

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE85630 CEL-NE85630 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE85630-T1 CEL-NE85630-T1 Datasheet
831Kb / 26P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85630-T1 CELDUC-NE85630-T1 Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE85630-T1-A CEL-NE85630-T1-A Datasheet
831Kb / 26P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85630-T1-A CELDUC-NE85630-T1-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE85630

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
NECs NPN SILICON TRANSISTOR
06/13/2002
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
NECs NPN SILICON TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com