Electronic Components Datasheet Search
  English  ▼

X  

PCA9517 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9517 Datasheet HTML 1Page - NXP Semiconductors PCA9517 Datasheet HTML 2Page - NXP Semiconductors PCA9517 Datasheet HTML 3Page - NXP Semiconductors PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
5
BUS
MASTER
PCA9517
SDA
SDAA
SCL
SCLA
EN
SDAB
SCLB
10 k
Ω
10 k
Ω
VCC
PCA9517
SDAA
SCLA
EN
SDAB
SCLB
10 k
Ω
PCA9517
SDAA
SCLA
EN
SDAB
SCLB
10 k
Ω
SDA
SCL
10 k
Ω
SLAVE
400 kHz
SW02348
Figure 5. Typical series application
Multiple PCA9517s can be connected in series as long as the A side is connected to the B side. I2C-bus slave devices can be connected to any
of the bus segments. The number of devices that can be connected in series is limited by repeater delay/time of flight considereations on the
maximum bus speed requirements.
9th CLOCK PULSE — ACKNOWLEDGE
0.5 V/DIV
SW02167
SCL
SDA
Figure 6. Bus A (0.9 V to 5.5 V bus) waveform
9th CLOCK PULSE — ACKNOWLEDGE
VOL OF SLAVE
2 V/DIV
SW02168
SCL
SDA
VOL OF PCA9517
Figure 7. Bus B (2.7 V to 5.5 V bus) waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com