Electronic Components Datasheet Search
  English  ▼

X  

PCA9517 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors PCA9517 Datasheet HTML 10Page - NXP Semiconductors PCA9517 Datasheet HTML 11Page - NXP Semiconductors PCA9517 Datasheet HTML 12Page - NXP Semiconductors PCA9517 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
9
TEST CIRCUIT
DEFINITIONS
RL = Load resistor; 1.35 kΩ on B side, 167 Ω on A side
CL = Load capacitance includes jig and probe capacitance;
57 pF
RT = Termination resistance should be equal to ZOUT of
pulse generators.
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCCB
RL
Test Circuit for Open Drain Outputs
RT
SW02342
VCCB
VCCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com