Electronic Components Datasheet Search
  English  ▼

X  

EA2 Datasheet(PDF) 2 Page - NEC

Part # EA2
Description  MINIATURE SIGNAL RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EA2 Datasheet(HTML) 2 Page - NEC

  EA2 Datasheet HTML 1Page - NEC EA2 Datasheet HTML 2Page - NEC EA2 Datasheet HTML 3Page - NEC EA2 Datasheet HTML 4Page - NEC EA2 Datasheet HTML 5Page - NEC EA2 Datasheet HTML 6Page - NEC EA2 Datasheet HTML 7Page - NEC EA2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
EA2 SERIES
DATA SHEET ER0001EJ6V0DS00
OUTLINE DRAWING AND DIMENSIONS
PAD LAYOUT (bottom view)
Unit : mm (inch)
PIN CONFIGURATIONS
MARKINGS
14.2 max.
(0.56)
9.2 max.
(0.36)
0.5
(0.02)
0.25
(0.01)
2.54
(0.10)
7.62
(0.30)
Note. tolerance
0.2 ( 0.008) unless otherwise specified
Dimensions in
show basic size.
NJ type : Cover height-6.3 mm (0.248), Leads-2.8 mm (0.11)
+
–
+
–
10- 0.8(0.03)
10.16
(0.40)
2.54
(0.10)
φ
Note. Tolerance
0.1 ( 0.004) unless othewise specified
+
–
+
–
EA2-5NU
9106
JAPAN
JAPAN
1
2
3
4
6
5
EA2-5
9106
1
4
3
5
2
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No. 1, 10.)
y UL, CSA Marking
Standard type
UL recognized,
CSA certified type
+
–
+
+ –
–
+
+
–
–
12
3
4
5
10
9
8
7
6
12
3
4
5
12
3
S
R
45
10
9
8
R S
76
10
9
8
7
6
Index mark of
relay direction
Non-latch type
(not energized position)
Single coil latch type
(reset position)
Double coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
SAFETY STANDARD AND RATING
UL Recognized
(UL508)∗
File No E73266
CSA Certificated
(CSA C22.2 No 14)
File No LR46266
30 Vdc, 1 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vdc, 0.5 A (Resistive)
∗ Spacing : UL114, UL478



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com