Electronic Components Datasheet Search
  English  ▼

X  

EA2 Datasheet(PDF) 5 Page - NEC

Part # EA2
Description  MINIATURE SIGNAL RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EA2 Datasheet(HTML) 5 Page - NEC

  EA2 Datasheet HTML 1Page - NEC EA2 Datasheet HTML 2Page - NEC EA2 Datasheet HTML 3Page - NEC EA2 Datasheet HTML 4Page - NEC EA2 Datasheet HTML 5Page - NEC EA2 Datasheet HTML 6Page - NEC EA2 Datasheet HTML 7Page - NEC EA2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DATA SHEET ER0001EJ6V0DS00
EA2 SERIES
2.0
80
60
40
20
0
1.0
0.5
0.4
0.3
0.2
30
100
200
220 Vdc
250 Vdc
0.25A
0.136A
DC Load (resistive)
AC Load (resistive)
Switching Voltage (V)
Applied Power (mW)
Applied Power (mW)
Sample : EA2-5 n = 10
Load : None
Temperature : 85˚C
Drive : 5 Vdc, 10 Hz 50% duty
Applied Power (mW)
100
200
300
400
Applied Power (mW)
SWITCHING CAPACITY
OPERATE TIME
RELEASE TIME WITHOUT DIODE
RUNNING SPECIFICATIONS (Noload)
RELEASE TIME WITH DIODE
COIL TEMPERATURE RISE
2
1
0
100
200
300
500
400
2
1
0
100
200
300
500
400
Bounce Time at Operate
Bounce Time at Release
Bounce Time at Release
Operate Time
Release Time
2
1
0
100
200
300
500
400
Operate Voltage
Release Voltage
Make contact
Break contact
01
1
2
3
4
5
23
Number of Operations (
× 106 operations)
Number of Operations (
× 106 operations)
510
01
1000
500
300
200
100
50
30
20
10
23
5
10
Release Time
TYPICAL PERFORMANCE DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com