Electronic Components Datasheet Search
  English  ▼

X  

PCM1803 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1803 Datasheet HTML 8Page - Texas Instruments PCM1803 Datasheet HTML 9Page - Texas Instruments PCM1803 Datasheet HTML 10Page - Texas Instruments PCM1803 Datasheet HTML 11Page - Texas Instruments PCM1803 Datasheet HTML 12Page - Texas Instruments PCM1803 Datasheet HTML 13Page - Texas Instruments PCM1803 Datasheet HTML 14Page - Texas Instruments PCM1803 Datasheet HTML 15Page - Texas Instruments PCM1803 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
System Clock
2.6 V
2.2 V
1.8 V
Internal Reset
DOUT
Zero Data
Normal Data
Reset
VDD
Reset Removal
1024 System Clocks
4480 / fS
T0014-05
SERIAL AUDIO DATA INTERFACE
INTERFACE MODE
DATA FORMAT
PCM1803
SLES125 – NOVEMBER 2004
Figure 18. Internal Power-On Reset Timing
The PCM1803 interfaces the audio system through BCK (pin 11), LRCK (pin 10), and DOUT (pin 12).
The PCM1803 supports master mode and slave mode as interface modes, and they are selected by MODE1 (pin
20) and MODE0 (pin 19) as shown in Table 2.
In master mode, the PCM1803 provides the timing of serial audio data communications between the PCM1803
and the digital audio processor or external circuit. While in slave mode, the PCM1803 receives the timing for data
transfers from an external controller.
Table 2. Interface Mode
MODE1
MODE0
INTERFACE MODE
0
0
Slave mode (256 fS, 384 fS, 512 fS, 768 fS)
0
1
Master mode (512 fS)
1
0
Master mode (384 fS)
1
1
Master mode (256 fS)
Master Mode
In master mode, BCK and LRCK work as output pins, and these pins are controlled by timing which is generated
in the clock circuit of the PCM1803. The frequency of BCK is fixed at LRCK
× 64. The 768-f
S system clock is not
available in master mode.
Slave Mode
In slave mode, BCK and LRCK work as input pins. The PCM1803 accepts the 64-BCK/LRCK or 48-BCK/LRCK
format (only for 384 fS and 768 fS system clocks), not the 32-BCK/LRCK format.
The PCM1803 supports four audio data formats in both master and slave modes, and the data formats are
selected by FMT1 (pin 18) and FMT0 (pin 17) as shown in Table 3. Figure 19 illustrates the data formats in slave
and master modes.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com