Electronic Components Datasheet Search
  English  ▼

X  

PT5821 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT5821
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT5821 Datasheet HTML 2Page - Texas Instruments PT5821 Datasheet HTML 3Page - Texas Instruments PT5821 Datasheet HTML 4Page - Texas Instruments PT5821 Datasheet HTML 5Page - Texas Instruments PT5821 Datasheet HTML 6Page - Texas Instruments PT5821 Datasheet HTML 7Page - Texas Instruments PT5821 Datasheet HTML 8Page - Texas Instruments PT5821 Datasheet HTML 9Page - Texas Instruments PT5821 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Inhibit Control of the PT5820 Series
of Step-Down Regulators
For applications requiring output voltage On/Off control,
the PT5820 series of ISRs incorporate an inhibit function.
This function can be used wherever there is a requirement
for the output voltage from the ISR to be turned off. The
On/Off function is provided by the Inhibit control (pin 2).
The ISR functions normally with pin 2 open-circuit,
providing a regulated output whenever a valid source
voltage is applied between Vin (pins 5–7) and GND (pins
11–13). When a low-level ground signal is applied to
pin 2, the regulator output is turned off.
Figure 2-1 shows the typical application of the Inhibit
function. Note the discrete transistor (Q1). The Inhibit
control has its own internal pull-up to +Vin potential. An
open-collector or open-drain device is required to control
this input 1. The voltage thresholds are given in Table 2-1.
Table 2-1; Inhibit Control Requirements
Parameter
Min
Typ
Max
Enable (VIH)Vin – 0.5V
—
Open
Disable (VIL)
–0.2V
—
+0.8V
I IL
—
–0.5 mA
—
Notes:
1. Use an open-collector device with a breakdown voltage
of at least 15V (preferably a discrete transistor) for the
Inhibit input. A pull-up resistor is not necessary. To disable
the output voltage the control pin should be pulled low
to less than +0.8VDC.
2. When a ground signal is applied to the Inhibit control
(pin 2) the module output is turned off. The output
voltage decays to zero as the load impedance discharges
the output capacitors.
3. During the period ‘td’ in Figure 2-2 the module will
assert a low impedance to ground. This will discharge any
residual voltage across the output capacitors, and will
crowbar any voltage supplied from external sources.
Figure 2-1
Turn-On Time:
In the circuit of Figure 2-1, turning Q1 on
applies a low-voltage to the Inhibit control (pin 2) and
disables the output of the regulator 2. If Q1 is then turned
off, the ISR executes a soft-start power up. Power up
consists of a short delay period, td (approx. 10-15msec) 3,
followed by a period in which the output voltage rises
to its full regulation voltage. The module produces a
regulated output voltage within 20msec. Figure 2-2
shows the typical rise in both the output voltage and
input current for a PT5821 (3.3V), following the turn-
off of Q1. The turn off of Q1 corresponds to the rise in the
waveform, Q1 Vds. The waveforms were measured with a
12VDC input voltage, and 10-A load.
Figure 2-2
Vo (2V/Div)
Iin (2A/Div)
Q1 Vds (10V/Div)
HORIZ SCALE: 5ms/Div
td
PT5820 Series
PT5820
V
IN
9–13
4
118
14–17
5, 6, 7
8
2
C
IN
560µF
C
OUT
330µF
1 =Inhibit
GND
GND
V
OUT
3
Output Sense (+)
Output Sense (–)
Q
1
BSS138



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com