Electronic Components Datasheet Search
  English  ▼

X  

PT5821 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT5821
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT5821 Datasheet HTML 2Page - Texas Instruments PT5821 Datasheet HTML 3Page - Texas Instruments PT5821 Datasheet HTML 4Page - Texas Instruments PT5821 Datasheet HTML 5Page - Texas Instruments PT5821 Datasheet HTML 6Page - Texas Instruments PT5821 Datasheet HTML 7Page - Texas Instruments PT5821 Datasheet HTML 8Page - Texas Instruments PT5821 Datasheet HTML 9Page - Texas Instruments PT5821 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Table 4-1: Input/Output Capacitors
(1) N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
(2) Recommended Input capacitor when Vo<2.6V; lower RMS mA required .
Capacitor Recommendations for
the
PT5820 Regulator Series
Input Capacitor:
The recommended input capacitance is determined by
1.3 ampere minimum ripple current rating and 560µF
minimum capacitance.
Ripple current and <100m
Ω equivalent series resistance
(ESR) values are the major considerations, along with
temperature, when designing with different types of
capacitors. Tantalum capacitors have a recommended
minimum voltage rating of twice the maximum DC
voltage + AC ripple. This is necessary to insure reli-
ability for input voltage bus applications.
Output Capacitors:
The maximum allowable ESR of the output capacitor is
150m
Ω. Electrolytic capacitors have marginal ripple
performance at frequencies greater than 400kHz but
excellent low frequency transient response. Above the
ripple frequency, ceramic capacitors are necessary to
improve the transient response and reduce any high
frequency noise components apparent during higher
current excursions. Preferred low ESR type capacitor
part numbers are identified in Table 4-1.
PT5820 Series
Tantalum Capacitors
Tantalum type capacitors can be used for the output but
only the AVX TPS, Sprague 593D/594/595 or Kemet
T495/T510 series. These capacitors are recommended
over many other tantalum types due to their higher rated
surge, power dissipation, and ripple current capability.
As a caution the TAJ series by AVX is not recommended.
This series has considerably higher ESR, reduced power
dissipation, and lower ripple current capability. The TAJ
series is less reliable than the AVX TPS series when deter-
mining power dissipation capability. Tantalum or Oscon®
types are recommended for applications where ambient
temperatures fall below 0°C.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple cur-
rent (rms) ratings. The number of capacitors required at
both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
g
t
M
e
c
a
f
r
u
S
(
K
F
/
C
F
V
5
3
V
5
2
V
5
2
V
0
5
V
5
3
V
0
5
0
8
6
0
3
3
0
0
0
1
0
0
0
1
0
8
6
0
0
0
1
3
4
0
.
0
Ω
0
9
0
.
0
Ω
8
3
0
.
0
Ω
3
7
0
0
Ω
0
6
0
.
0
Ω
3
7
0
.
0
Ω
A
m
5
5
6
1
A
m
5
5
7
A
m
0
9
6
1
A
m
0
1
6
1
A
m
0
0
1
1
A
m
0
1
6
1
5
.
2
1
× 0
2
0
1
× 5
.
2
1
6
1
× 5
1
6
1
× 5
.
6
1
5
.
2
1
× 5
.
3
1
6
1
× 5
.
6
1
1
R
/
N
)
1
(
1
1
1 )
2
(
1
1
1
1
1
1
1
1
8
6
V
1
C
F
U
E
E
1
3
3
E
1
C
F
U
E
E
S
2
0
1
E
1
C
F
U
E
E
M
2
0
1
H
1
K
F
V
E
E
Q
1
8
6
V
1
K
F
V
E
E
)
V
6
.
2
<
o
V
(
M
2
0
1
H
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
/
Z
X
L
)
g
t
M
e
c
a
f
r
u
S
(
Y
V
M
V
5
3
V
5
3
V
5
2
0
8
6
0
8
6
0
3
3
7
3
0
.
0
Ω
8
6
0
.
0
Ω
5
1
.
0
Ω
A
m
0
6
6
1
A
m
0
5
0
1
A
m
0
7
6
5
.
2
1
× 0
2
0
1
× 6
1
0
1
× 3
.
0
1
1
1 )
2
(
R
/
N
)
1
(
1
1
1
L
L
0
2
X
2
1
M
1
8
6
B
V
5
3
Z
X
L
L
L
0
2
X
6
1
M
2
0
1
B
V
5
3
V
X
L
V
6
.
2
<
o
V
(
)
P
T
0
1
X
0
1
M
1
3
3
C
V
5
2
Y
V
M
n
o
c
i
h
c
i
N
s
e
i
r
e
S
L
P
s
e
i
r
e
S
M
P
V
5
3
V
5
2
V
5
2
0
8
6
0
7
2
1
0
2
8
2
4
0
.
0
Ω
5
5
0
.
0
Ω
9
4
0
.
0
Ω
A
m
0
4
5
1
A
m
0
7
2
1
A
m
0
4
3
1
8
1
× 5
1
6
1
× 5
1
6
1
× 5
1
1
1 )
2
(
1
1
1
1
6
H
H
M
1
8
6
V
1
L
P
U
6
H
H
M
2
2
1
E
1
L
P
U
)
V
6
.
2
<
o
V
(
6
H
H
M
1
2
8
E
1
M
P
U
:
n
o
c
-
s
O
S
S
)
t
n
u
o
M
e
c
a
f
r
u
s
(
P
V
S
s
e
i
r
e
S
V
S
d
l
O
V
0
1
V
6
1
0
3
3
0
3
3
5
2
0
.
0
Ω
6
1
0
.
0
Ω
A
m
0
0
5
3
A
m
0
0
7
4
0
1
× 5
.
0
1
1
1
× 2
1
R
/
N
)
1
(
2
1
1
M
0
3
3
S
S
0
1
V
( o
)
V
1
.
5
<
M
0
3
3
P
V
S
6
1
m
u
l
a
t
n
a
T
X
V
A
)
t
g
t
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
Ω
6
0
.
0
Ω
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
R
/
N
)
1
(
R
/
N
)
1
(
1
1
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
T
V
( o
)
V
1
.
5
<
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
V
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
t
e
m
e
K
s
e
i
r
e
S
5
9
4
T
/
0
2
5
T
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
1
V
3
.
6
0
3
3
0
2
2
0
4
0
.
0
Ω
7
0
.
0
Ω
A
m
0
0
6
1
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
R
/
N
)
1
(
R
/
N
)
1
(
1
1
S
A
0
1
0
M
7
3
3
X
0
2
5
S
A
0
0
1
0
M
7
2
2
X
5
9
4
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
4
9
5
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
10
3
35
4
0
.
0
Ω
A
m
0
6
3
2L
2
.
7
× W
6
× H
1
.
4
R
/
N
)
1
(
1T
2
R
0
1
0
0
X
7
3
3
D
4
9
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com