Electronic Components Datasheet Search
  English  ▼

X  

PT5822 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5822
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5822 Datasheet(HTML) 3 Page - Texas Instruments

  PT5822 Datasheet HTML 1Page - Texas Instruments PT5822 Datasheet HTML 2Page - Texas Instruments PT5822 Datasheet HTML 3Page - Texas Instruments PT5822 Datasheet HTML 4Page - Texas Instruments PT5822 Datasheet HTML 5Page - Texas Instruments PT5822 Datasheet HTML 6Page - Texas Instruments PT5822 Datasheet HTML 7Page - Texas Instruments PT5822 Datasheet HTML 8Page - Texas Instruments PT5822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Efficiency vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =12.0V (See Note A)
Output Ripple vs Output Current
PT5820 Series
16-A 12-V Input Adjustable
Integrated Switching Regulator
Pin Descriptions
+Vin:
The positive supply voltage input for the module
with respect to the common GND.
+Vo:
This is the regulated output voltage from the mod-
ule with respect to the common GND.
GND:
The common GND node to which the input, out-
put, and external control signals are referenced.
Sense(–):
Provides the regulator with the ability to sense
the set-point voltage directly across the load. For opti-
mum output voltage accuracy this pin should always be
connected to GND, even for applications that demand a
relatively light load.
Sense(+):
When used with Sense(–), the regulation cir-
cuitry will compensate for voltage drop between the
converter and the load. The pin may be left open circuit,
but connecting it to +Vo will optimize load regulation..
Inhibit:
This is an active low input, which is referenced
to GND. Driving this pin to GND disables the module’s
output voltage. If Inhibit is left open-circuit, the output
will be active whenever a valid input source is applied.
Vo Adjust:
This pin is used to trim the output voltage to a
value within a range of up to ±10% of the setpoint. The
adjustment requires an external resistor. The resistor is
connected from Vo Adjust, to either the Sense(–) or Sense(+),
in order to adjust the output voltage either up or down,
respectively.
Margin Up:
When this pin is connected to Sense(–), the
output voltage is increased by 5% of the nominal setpoint.
The Margin Up and Margin Down control inputs provide
a convenient method for testing the operation of the
load circuit over a ±5% variation in the supply voltage.
Margin Down:
When this pin is connected to Sense(–), the
output voltage is decreased by approximately 5% from
the nominal.
Typical Characteristics
50
60
70
80
90
100
04
8
12
16
Iout (A)
PT5827
PT5821
PT5822
PT5823
PT5824
PT5825
PT5826
0
10
20
30
40
50
0
4
8
12
16
Iout (A)
PT5827
PT5821
PT5822
PT5823
PT5824
PT5825
PT5826
0
2
4
6
8
04
8
12
16
Iout (A)
PT5827
PT5821
PT5824
PT5826



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com