Electronic Components Datasheet Search
  English  ▼

X  

PT5822 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5822
Description  16-A 12-V Input Adjustable Integrated Switching Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5822 Datasheet(HTML) 4 Page - Texas Instruments

  PT5822 Datasheet HTML 1Page - Texas Instruments PT5822 Datasheet HTML 2Page - Texas Instruments PT5822 Datasheet HTML 3Page - Texas Instruments PT5822 Datasheet HTML 4Page - Texas Instruments PT5822 Datasheet HTML 5Page - Texas Instruments PT5822 Datasheet HTML 6Page - Texas Instruments PT5822 Datasheet HTML 7Page - Texas Instruments PT5822 Datasheet HTML 8Page - Texas Instruments PT5822 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5820 Series
16-A 12-V Input Adjustable
Integrated Switching Regulator
Typical Characteristics
Safe Operating Curves, Vin =12V (See Note B)
20
30
40
50
60
70
80
90
0
4
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
4
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
4
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
PT5827, Vout =5V
PT5821, Vout =3.3V
PT5822 .. PT5826, Vout
≤≤≤≤≤2.5V
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com