Electronic Components Datasheet Search
  English  ▼

X  

LM2662 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2662
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2662 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2662 Datasheet HTML 4Page - National Semiconductor (TI) LM2662 Datasheet HTML 5Page - National Semiconductor (TI) LM2662 Datasheet HTML 6Page - National Semiconductor (TI) LM2662 Datasheet HTML 7Page - National Semiconductor (TI) LM2662 Datasheet HTML 8Page - National Semiconductor (TI) LM2662 Datasheet HTML 9Page - National Semiconductor (TI) LM2662 Datasheet HTML 10Page - National Semiconductor (TI) LM2662 Datasheet HTML 11Page - National Semiconductor (TI) LM2662 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Information (Continued)
CAPACITOR SELECTION
As discussed in the
Simple Negative Voltage Converter section, the output resistance and ripple voltage are dependent on the
capacitance and ESR values of the external capacitors. The output voltage drop is the load current times the output resistance,
and the power efficiency is
Where I
Q(V+) is the quiescent power loss of the IC device, and IL
2R
OUT is the conversion loss associated with the switch on-
resistance, the two external capacitors and their ESRs.
Low ESR capacitors (
Table 3) are recommended for both capacitors to maximize efficiency, reduce the output voltage drop and
voltage ripple. For convenience, C
1 and C2 are usually chosen to be the same.
The output resistance varies with the oscillator frequency and the capacitors. In
Figure 3, the output resistance vs. oscillator fre-
quency curves are drawn for four difference capacitor values. At very low frequency range, capacitance plays the most important
role in determining the output resistance. Once the frequency is increased to some point (such as 100 kHz for the 47 µF capaci-
tors), the output resistance is dominated by the ON resistance of the internal switches and the ESRs of the external capacitors.
A low value, smaller size capacitor usually has a higher ESR compared with a bigger size capacitor of the same type. Ceramic
capacitors can be chosen for their lower ESR. As shown in
Figure 3, in higher frequency range, the output resistance using the
10 µF ceramic capacitors is close to these using higher value tantalum capacitors.
TABLE 3. Low ESR Capacitor Manufacturers
Manufacturer
Phone
Capacitor Type
Nichicon Corp.
(708)-843-7500
PL, PF series, through-hole aluminum electrolytic
AVX Corp.
(803)-448-9411
TPS series, surface-mount tantalum
Sprague
(207)-324-4140
593D, 594D, 595D series, surface-mount tantalum
Sanyo
(619)-661-6835
OS-CON series, through-hole aluminum electrolytic
Murata
(800)-831-9172
Ceramic chip capacitors
Taiyo Yuden
(800)-348-2496
Ceramic chip capacitors
Tokin
(408)-432-8020
Ceramic chip capacitors
DS100003-36
FIGURE 3. Output Source Resistance vs Oscillator Frequency
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com