Electronic Components Datasheet Search
  English  ▼

X  

LM2662 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2662
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2662 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2662 Datasheet HTML 4Page - National Semiconductor (TI) LM2662 Datasheet HTML 5Page - National Semiconductor (TI) LM2662 Datasheet HTML 6Page - National Semiconductor (TI) LM2662 Datasheet HTML 7Page - National Semiconductor (TI) LM2662 Datasheet HTML 8Page - National Semiconductor (TI) LM2662 Datasheet HTML 9Page - National Semiconductor (TI) LM2662 Datasheet HTML 10Page - National Semiconductor (TI) LM2662 Datasheet HTML 11Page - National Semiconductor (TI) LM2662 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Other Applications (Continued)
REGULATING V
out
It is possible to regulate the output of the LM2662/LM2663 by use of a low dropout regulator (such as LP2986). The whole con-
verter is depicted in
Figure 8. This converter can give a regulated output from −1.5V to −5.5V by choosing the proper resistor ratio:
where, Vref = 1.23V
The error flag on pin 7 of the LP2986 goes low when the regulated output at pin 5 drops by about 5% below nominal. The LP2986
can be shutdown by taking pin 8 low. The less than 1 µA quiescent current in the shutdown mode is favorable for battery powered
applications.
DS100003-26
FIGURE 6. Generating −3V
in from +Vin
DS100003-27
FIGURE 7. Generating +3V
in from +Vin
DS100003-28
FIGURE 8. Combining LM2662/LM2663 with LP2986 to Make a Negative Adjustable Regulator
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com