Electronic Components Datasheet Search
  English  ▼

X  

BM6202FS Datasheet(PDF) 10 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 10 Page - Rohm

Back Button BM6202FS Datasheet HTML 6Page - Rohm BM6202FS Datasheet HTML 7Page - Rohm BM6202FS Datasheet HTML 8Page - Rohm BM6202FS Datasheet HTML 9Page - Rohm BM6202FS Datasheet HTML 10Page - Rohm BM6202FS Datasheet HTML 11Page - Rohm BM6202FS Datasheet HTML 12Page - Rohm BM6202FS Datasheet HTML 13Page - Rohm BM6202FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/19
Datasheet
Datasheet
BM6202FS
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
 Typical Performance Curves (Reference data) - Continued
0
5
10
15
20
1.0
1.5
2.0
2.5
Input Voltage : VIN [V]
125°C
25°C
-25°C
Figure 19. Input threshold voltage
Figure 20. Overcurrent detection voltage
(UH,UL,VH,VL,WH,WL,FOB)
Figure 17. High side driver operating current
Figure 18. Input bias current
(FPWM: 20kHz, each phase)
(UH,UL,VH,VL,WH,WL)
100
150
200
250
300
12
14
16
18
20
Supply Voltage : VBX-VX [V]
125°C
25°C
-25°C
0
50
100
150
200
250
0
5
10
15
20
Input Voltage : VHIN/VLIN [V]
125°C
25°C
-25°C
0
5
10
15
20
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Input Voltage : VPGND [V]
125°C
25°C
-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com