Electronic Components Datasheet Search
  English  ▼

X  

BM6202FS Datasheet(PDF) 4 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 4 Page - Rohm

  BM6202FS Datasheet HTML 1Page - Rohm BM6202FS Datasheet HTML 2Page - Rohm BM6202FS Datasheet HTML 3Page - Rohm BM6202FS Datasheet HTML 4Page - Rohm BM6202FS Datasheet HTML 5Page - Rohm BM6202FS Datasheet HTML 6Page - Rohm BM6202FS Datasheet HTML 7Page - Rohm BM6202FS Datasheet HTML 8Page - Rohm BM6202FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/19
Datasheet
Datasheet
BM6202FS
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
3) Bootstrap operation
Figure 5. Charging period
Figure 6. Discharging period
The bootstrap is operated by the charge period and the discharge period being alternately repeated for bootstrap
capacitor (CB) as shown in the figure above. In a word, this operation is repeated while the output of an external
transistor is switching with synchronous rectification. Because the supply voltage of the floating driver is charged from the
VCC power supply to CB through prevention of backflow diode DX, it is approximately (VCC-1V).
The resistance series connection with DX has the impedance of approximately 200
Ω.
The capacitance value for the bootstrap is the following formula:
Example:
Floating driver power supply quiescence current IBBQ : 150µA(max.)
Bootstrap diode reverse bias current ILBD : 10µA(max.)
Carrier frequency FPWM : 20kHz
Output MOSFET total gate charge Qg : 25nC(max.)
Floating driver transmission loss QLOSS : 1nC(max.)
Drop voltage of the floating driver power supply dVDROP : 3V
CBOOT » (( IBBQ + ILBD ) / FPWM + 2 x Qg + QLOSS ) / dVDROP ≈ 20nF
The allowed drop voltage actually becomes smaller by the range of the used power supply voltage, the output MOSFET
ON resistance, the forward voltages of the internal boot diode (the drop voltage to the capacitor by the charge current),
and the power supply voltage monitor circuits etc. Please set the calculation value to the criterion about the capacitance
value tenfold or more to secure the margin in consideration of temperature characteristics and the value change, etc.
Moreover, the example of the mentioned above assumes the synchronous rectification switching. Because the total gate
charge is needed only by the carrier frequency in the upper switching section, for example 150° commutation driving, it
becomes a great capacity shortage in the above settings. Please set it after confirming actual application operation.
4) Thermal shutdown (TSD) circuit
The TSD circuit operates when the junction temperature of the gate driver exceeds the preset temperature (150°C
nominal). At this time, the controller forces all driver outputs low. Since thermal hysteresis is provided in the TSD circuit,
the chip returns to normal operation when the junction temperature falls below the preset temperature (125°C nominal).
The TSD circuit is designed only to shut the IC off to prevent thermal runaway. It is not designed to protect the IC or
guarantee its operation in the presence of extreme heat. Do not continue using the IC after the TSD circuit is activated,
and do not use the IC in an environment where activation of the circuit is assumed. Moreover, it is not possible to follow
the output MOSFET junction temperature rising rapidly because it is a gate driver chip that monitors the temperature and
it is likely not to function effectively.
5) Overcurrent protection (OCP) circuit
The overcurrent protection circuit can be activated by connecting a low value resistor for current detection between the
PGND pin and the GND pin. When the PGND pin voltage reaches or surpasses the threshold value (0.9V typical), the
gate driver outputs low to the gate of all output MOSFETs, thus initiating the overcurrent protection operation.
CB
HO
VS
VDC
VB
L
H
DX
LO
OFF
ON
VCC
CB
HO
VS
VDC
VB
H
L
DX
LO
ON
OFF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com