Electronic Components Datasheet Search
  English  ▼

X  

SC16C652 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 16Page - NXP Semiconductors SC16C652 Datasheet HTML 17Page - NXP Semiconductors SC16C652 Datasheet HTML 18Page - NXP Semiconductors SC16C652 Datasheet HTML 19Page - NXP Semiconductors SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
20 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.4 Interrupt Status Register (ISR)
The SC16C652 provides six levels of prioritized interrupts to minimize external
software interaction. The Interrupt Status Register (ISR) provides the user with four
interrupt status bits. Performing a read cycle on the ISR will provide the user with the
highest pending interrupt level to be serviced. No other interrupts are acknowledged
until the pending interrupt is serviced. A lower level interrupt may be seen after
servicing the higher level interrupt and re-reading the interrupt status bits. Table 14
“Interrupt source” shows the data values (bits 0-3) for the four prioritized interrupt
levels and the interrupt sources associated with each of these interrupt levels.
Table 14:
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0
00110LSR (Receiver Line Status
Register)
2
0
00100
RXRDY (Received Data
Ready)
2
0
01100
RXRDY (Receive Data
time-out)
3
0
00010
TXRDY (Transmitter
Holding Register Empty)
4
0
00000
MSR (Modem Status
Register)
5
0
10000
RXRDY (Received Xoff
signal) / Special character
6
1
00000CTS, RTS change of state
Table 15:
Interrupt Status Register bits description
Bit
Symbol
Description
7-6
ISR[7-6]
FIFOs enabled. These bits are set to a logic 0 when the FIFOs are
not being used in the 16C450 mode. They are set to a logic 1
when the FIFOs are enabled in the SC16C652 mode.
Logic 0 or cleared = default condition.
5-4
ISR[5-4]
INT priority bits 4-3. These bits are enabled when EFR[4] is set to
a logic 1. ISR[4] indicates that matching Xoff character(s) have
been detected. ISR[5] indicates that CTS, RTS have been
generated. Note that once set to a logic 1, the ISR[4] bit will stay a
logic 1 until Xon character(s) are received.
Logic 0 or cleared = default condition.
3-1
ISR[3-1]
INT priority bits 2-0. These bits indicate the source for a pending
interrupt at interrupt priority levels 1, 2, and 3 (see Table 14).
Logic 0 or cleared = default condition.
0
ISR[0]
INT status.
Logic 0 = An interrupt is pending and the ISR contents may be
used as a pointer to the appropriate interrupt service routine.
Logic 1 = No interrupt pending (normal default condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com