Electronic Components Datasheet Search
  English  ▼

X  

SC16C652 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors SC16C652 Datasheet HTML 27Page - NXP Semiconductors SC16C652 Datasheet HTML 28Page - NXP Semiconductors SC16C652 Datasheet HTML 29Page - NXP Semiconductors SC16C652 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
26 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
When using a software flow control the Xon/Xoff characters cannot be used for data transfer.
5
EFR[5]
Special Character Detect.
Logic 0 = Special character detect disabled (normal default condition).
Logic 1 = Special character detect enabled. The SC16C652 compares
each incoming receive character with Xoff2 data. If a match exists, the
received data will be transferred to FIFO and ISR[4] will be set to
indicate detection of special character. Bit-0 in the X-registers
corresponds with the LSB bit for the receive character. When this feature
is enabled, the normal software flow control must be disabled (EFR[3-0]
must be set to a logic 0).
4
EFR[4]
Enhanced function control bit. The content of IER[7-4], ISR[5-4], FCR[5-4],
and MCR[7-5] can be modified and latched. After modifying any bits in the
enhanced registers, EFR[4] can be set to a logic 0 to latch the new values.
This feature prevents existing software from altering or overwriting the
SC16C652 enhanced functions.
Logic 0 = disable/latch enhanced features. IER[7-4], ISR[5-4], FCR[5-4],
and MCR[7-5] are saved to retain the user settings, then IER[7-4]
ISR[5-4], FCR[5-4], and MCR[7-5] are set to a logic 0 to be compatible
with SC16C554 mode. (Normal default condition.)
Logic 1 = Enables the enhanced functions. When this bit is set to a
logic 1, all enhanced features of the SC16C652 are enabled and user
settings stored during a reset will be restored.
3-0
EFR[3-0] Cont-3-0 Tx, Rx control. Logic 0 or cleared is the default condition.
Combinations of software flow control can be selected by programming
these bits. See Table 24.
Table 24:
Software flow control functions[1]
Cont-3
Cont-2
Cont-1
Cont-0
TX, RX software flow controls
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1/Xoff1
0
1
X
X
Transmit Xon2/Xoff2
1
1
X
X
Transmit Xon1 and Xon2/Xoff1 and Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1/Xoff1
X
X
0
1
Receiver compares Xon2/Xoff2
1
0
1
1
Transmit Xon1/Xoff1
Receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0
1
1
1
Transmit Xon2/Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
1
1
1
1
Transmit Xon1 and Xon2/Xoff1 and Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
Table 23:
Enhanced Feature Register bits description…continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com