Electronic Components Datasheet Search
  English  ▼

X  

ES3880 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES3880
Description  Video CD MPEG Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES3880 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES3880 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3880 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0191-052901
3
ES3880 PRODUCT BRIEF
PIN DESCRIPTION
PIN DESCRIPTION
Table 1 lists the pin descriptions for the ES3880.
Table 1
ES3880 Pin Descriptions List
Name
Number
I/O
Definition
VDD
1, 31, 51
I
3.3V power supply.
RAS#
2
O
Row address strobe.
DWE#
3
O
DRAM write enable.
DA[8:0]
12:4
O
DRAM multiplexed row and column address bus.
DBUS[15:0]
28:13
I/O
DRAM data bus.
RESET#
29
I
System reset.
VSS
30, 50, 80, 100
I
Ground.
YUV[7:0]
39:32
O
YUV[7:0] 8-bit video data bus.
VSYNC
40
I/O
Vertical sync.
HSYNC
41
I/O
Horizontal sync.
CPUCLK
42
I
RISC and system clock input. CPUCLK is used only if SEL_PLL[1:0] = 00 to bypass
PLL.
PCLK2X
43
I/O
Doubled 54 MHz pixel clock.
PCLK
44
I/O
27 MHz pixel clock.
AUX[7:0]
54:52, 49:45
I/O
Auxiliary control pins 7:0. AUX0 and AUX1 are open collectors.
LD[7:0]
62:55
I/O
RISC interface data bus.
LWR#
63
O
RISC interface write enable.
LOE#
64
O
RISC interface output enable.
LCS[3,1,0]#
65, 66, 67
O
RISC interface chip select.
LA[17:0]
87:82, 79:68
O
RISC interface address bus.
VPP
81
I
5.0V power supply.
ACLK
88
I/O
Master clock for external audio DAC.
AOUT
89
O
Audio interface serial data output when selected.
SEL_PLL0
I
System and DSCK output clock frequency selection at reset time. The matrix below lists
the available clock frequencies and their respective PLL bit settings.
ATCLK
90
I/O
Audio transmit bit clock.
ATFS
91
O
Audio transmit frame sync.
SEL_PLL1
I
Refer to the description and matrix for SEL_PLL0 pin 89.
DA9
92
O
DRAM multiplexed row and column address line 9.
DOE#
O
DRAM output enable.
AIN
93
I
Audio serial data input.
ARCLK
94
I
Audio receive bit clock.
ARFS
95
I
Audio receive frame sync.
TDMCLK
96
I
TDM serial clock.
SEL_PLL1
SEL_PLL0
DCLK
0
0
Bypass PLL (input mode)
0
1
54 MHz (output mode) Default
1
0
67.5 MHz (output mode)
1
1
81.0 MHz (output mode)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com